Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1252A Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SD1252A
Szczegółowy opis  Silicon NPN triple diffusion planar type(For power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1252A Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SD1252A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1252A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1252, 2SD1252A
Silicon NPN triple diffusion planar type
For power amplification
Complementary to 2SB929 and 2SB929A
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
80
60
80
6
5
3
35
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1252
2SD1252A
2SD1252
2SD1252A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = 60V, VBE = 0
VCE = 80V, VBE = 0
VCE = 30V, IB = 0
VCE = 60V, IB = 0
VEB = 6V, IC = 0
IC = 30mA, IB = 0
VCE = 4V, IC = 1A
VCE = 4V, IC = 3A
VCE = 4V, IC = 3A
IC = 3A, IB = 0.375A
VCE = 5V, IC = 0.5A, f = 10MHz
IC = 1A, IB1 = 0.1A, IB2 = – 0.1A,
VCC = 50V
min
60
80
40
10
typ
30
0.5
2.5
0.4
max
200
200
300
300
1
250
1.8
1.2
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SD1252
2SD1252A
2SD1252
2SD1252A
2SD1252
2SD1252A
*h
FE1 Rank classification
Rank
R
Q
P
hFE1
40 to 90
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Podobny numer części - 2SD1252A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1252A PANASONIC-2SD1252A Datasheet
50Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
logo
Guangdong Kexin Industr...
2SD1252A KEXIN-2SD1252A Datasheet
42Kb / 2P
   Silicon NPN Triple Diffusion Junction Type
2SD1252A-P KEXIN-2SD1252A-P Datasheet
1Mb / 2P
   NPN Transistors
2SD1252A-R KEXIN-2SD1252A-R Datasheet
1Mb / 2P
   NPN Transistors
2SD1252A KEXIN-2SD1252A_15 Datasheet
1Mb / 2P
   NPN Transistors
More results

Podobny opis - 2SD1252A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1480 PANASONIC-2SD1480 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2374 PANASONIC-2SD2374 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1253 PANASONIC-2SD1253 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1263 PANASONIC-2SD1263 Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com