Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33990 Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC33990
Szczegółowy opis  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33990 Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33990 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33990 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
33990
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
VBAT DC Supply Voltage (Note 1)
VBAT
-16 to 40
V
Input I/O Terminals (Note 2)
VI/O(CPU)
-0.3 to 7.0
V
BUS and LOAD Outputs
VBUS
-2.0 to 16
V
ESD Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
VESD1
VESD2
±2000
±200
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Ambient Temperature
TA
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Soldering Temperature (for 10 seconds)
TSOLDER
260
°C
Thermal Resistance (Junction-to-Ambient)
RθJ-A
180
°C/W
Notes
1.
An external series diode must be used to provide reverse battery protection of the device.
2.
SLEEP
, TX, RX, and 4X/LOOP are normally connected to a microcontroller.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
4.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC33990

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990D FREESCALE-MC33990D Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990D/DR2 FREESCALE-MC33990D/DR2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990DDR2 FREESCALE-MC33990DDR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
More results

Podobny opis - MC33990

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com