Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1273 Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części 2SD1273
Szczegółowy opis  Silicon NPN triple diffusion planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1273 Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  2SD1273 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1273 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SD1273, 2SD1273A
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IC
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(2)
(3)
(4)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
1.0
0.8
0.6
0.4
0.2
T
C=25˚C
I
B=1.2mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
1.0mA
Collector to emitter voltage V
CE
(V)
01.2
1.0
0.8
0.2
0.6
0.4
0
5
4
3
2
1
T
C=100˚C
25˚C
–25˚C
Base to emitter voltage V
BE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=40
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=4V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=12V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
ICP
IC
10ms
DC
t=1ms
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–2
10–1
1
10
103
102
(1) Without heat sink
(2) With a 100
× 100 × 2mm Al heat sink
(1)
(2)
Time t (s)


Podobny numer części - 2SD1273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1273 PANASONIC-2SD1273 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
logo
Foshan Blue Rocket Elec...
2SD1273 FOSHAN-2SD1273 Datasheet
1,005Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
2SD1273A FOSHAN-2SD1273A Datasheet
1,005Kb / 6P
   Silicon NPN transistor in a TO-220F Plastic Package.
More results

Podobny opis - 2SD1273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
   Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1719 PANASONIC-2SD1719 Datasheet
94Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com