Zakładka z wyszukiwarką danych komponentów |
|
SM5865BM Arkusz danych(PDF) 1 Page - Nippon Precision Circuits Inc |
|
SM5865BM Arkusz danych(HTML) 1 Page - Nippon Precision Circuits Inc |
1 / 17 page ΣDECO SM5865BM NIPPON PRECISION CIRCUITS—1 NIPPON PRECISION CIRCUITS INC. D/A Converter for Digital Audio OVERVIEW The SM5865BM is a 24-bit input D/A converter for digital audio equipment. It comprises newly devel- oped DEM (dynamic element matching) circuits, 3rd-order Σ∆ noise shaper and 23-level quantizer to control wide-band residual quantization noise in the signal band, making it ideal for application with high-frequency sampling formats. Also, the order of the required final-stage analog lowpass filter can be reduced, compared to filters for available devices, enhancing output tone quality. The output stage employs complementary outputs for high-accuracy analog signals, with appropriate lowpass filtering of the output signal. A single SM5865BM IC can be used in combination with an 8-times oversampling digital filter for con- version for a single audio channel. FEATURES s Single-channel D/A converter built-in s High performance • 0.0004% total harmonic distortion and noise • 114 dB dynamic range • 117 dB signal-to-noise ratio s Σ∆ D/A converter • 3rd-order noise shaper • 23-level quantizer s Input data format • 20 or 24-bit word length • MSB first, right-justified format • 8 or 4 times oversampling at fs = 16/32/44.1/48/ 88.2/96/176.4/192 kHz s System clock frequency • 192/256/384/512/768/1024 fs s Single 5 V operating supply voltage s 24-pin SSOP package s Molybdenum-gate CMOS process ORDERING INFORMATION PINOUT (Top view) PACKAGE DIMENSIONS (Unit: mm) 24-pin SSOP D e vice P a ck ag e SM5865BM 24-pin SSOP 1 13 24 12 DVSS DI BCKI WCKI IWSL RSTN TSTN AVSSA RAP IOUTA IOUTAN RAN AVDDA AVDDB TO RBP DVDD CKI CKDVN CVSS IOUTB IOUTBN RBN AVSSB 0.36 0.10 10.20 0.30 10.05 0.20 0.15 + 0.1 − 0.05 010 0.50 0.20 0.8 0.12 M 0.10 |
Podobny numer części - SM5865BM |
|
Podobny opis - SM5865BM |