Zakładka z wyszukiwarką danych komponentów |
|
IZ1517 Arkusz danych(PDF) 1 Page - Integral Corp. |
|
IZ1517 Arkusz danych(HTML) 1 Page - Integral Corp. |
1 / 2 page TECHNICAL DATA IZ1517 FEATURES • Single 3V battery operation • Random or sequence flash selection • Low stand-by current • Built in oscillator • Oscillator’s resistor internal or external (maskoption) • Toggle ON/OFF control or one shot mode • One shot duration is about 8 seconds (metal mask option) • 1/10 ON/OFF duty cycle output • Direct drive LEDs (open-drain output) PLAY MODE S1 S2 Mode OPEN OPEN RANDOM, TOGGLE, ON/OFF VSS OPEN RANDOM, ONE SHOT OPEN VDD SEQUENCE, TOGGLE; ON/OFF VSS VDD SEQUENCE, ONE SHOT ABSOLUTE MAXIMUM RATINGS Characteristic Symbol Value Unit Supply Voltage VDD - VSS - 0.3 ~ + 5.0 V Input Voltage VIN VSS - 0.2 ~ VDD + 0.2 V Operating Temperature Ta - 10 ~ + 60 oC Storage Temperature Tstg - 55 ~ + 125 oC ELECTRICAL CHARACTERISTICS (Ta = 25 oC, V DD = 3.0V, VSS = 0V unless otherwise specified) Characteristic Symbol Test Condition Min Typ Max Unit Operating Voltage VDD 2.4 3.0 3.6 V Standby Current IDD No Playing S1, S2, P Open 0.1 2.5 µA Operating Current Playing Q1 – Q5 Open 50 100 µA S1 IIL VIL = 0.5V 10 18 Input Current S2 IIH VIH = 2.5V 10 18 µA P IIL VIL = 0.5V 10 18 Output Current (Q1 – Q5) IOL VOL = 0.5V 5 8 mA Oscillating Frequency FOSC 70 100 130 KHz Oscillating Start Voltage VSTR 2.4 V 1 |
Podobny numer części - IZ1517 |
|
Podobny opis - IZ1517 |