Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC125 Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74AC125
Szczegółowy opis  Quad Buffer with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74AC125 Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  74AC125 Datasheet HTML 1Page - National Semiconductor (TI) 74AC125 Datasheet HTML 2Page - National Semiconductor (TI) 74AC125 Datasheet HTML 3Page - National Semiconductor (TI) 74AC125 Datasheet HTML 4Page - National Semiconductor (TI) 74AC125 Datasheet HTML 5Page - National Semiconductor (TI) 74AC125 Datasheet HTML 6Page - National Semiconductor (TI) 74AC125 Datasheet HTML 7Page - National Semiconductor (TI) 74AC125 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Characteristics for ’AC Family Devices (Continued)
74AC
54AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
IOZ
Maximum TRI-STATE
VI (OE) e VIL VIH
Current
55
g
05
g
100
g
50
m
AVI e VCC VGND
VO e VCC GND
IOLD
Minimum Dynamic
55
50
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
50
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
40
800
400
m
A
VIN e VCC
Supply Current
or GND
Maximum test duration 20 ms one output loaded at a time
Note
IIN and ICC
30V are guaranteed to be less than or equal to the respective limit
55V VCC
ICC for 54AC
25 C is identical to 74AC
25 C
DC Characteristics for ’ACT Family Devices
74ACT
74ACT
Symbol
Parameter
VCC
TA ea25 C
TA e
Units
Conditions
(V)
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
45
15
20
20
V
VOUT e 01V
Input Voltage
55
15
20
20
or VCC b 01V
VIL
Maximum Low Level
45
15
08
08
V
VOUT e 01V
Input Voltage
55
15
08
08
or VCC b 01V
VOH
Minimum High Level
45
449
44
44
V
IOUT eb50 mA
Output Voltage
55
549
54
54
VIN e VIL or VIH
45
386
376
VIOH
b
24 mA
55
486
476
b
24 mA
VOL
Maximum Low Level
45
0001
01
01
V
IOUT e 50 mA
Output Voltage
55
0001
01
01
VIN e VIL or VIH
45
036
044
VIOL
24 mA
55
036
044
24 mA
IIN
Maximum Input Leakage Current
55
g
01
g
10
m
AVI e VCC GND
IOZ
Maximum TRI-STATE
55
g
05
g
50
m
A
VI e VIL VIH
Current
VO e VCC GND
ICCT
Maximum ICC Input
55
06
15
mA
VI e VCC b 21V
IOLD
Minimum Dynamic
55
75
mA
VOLD e 165V Max
IOHD
Output Current
55
b
75
mA
VOHD e 385V Min
ICC
Maximum Quiescent
55
40
400
m
A
VIN e VCC
Supply Current
or GND
All outputs loaded thresholds on input associated with output under test
Maximum test duration 20 ms one output loaded at a time
May be measured per the JEDEC Alternate Method
3


Podobny numer części - 74AC125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
Hitachi Semiconductor
74AC125 HITACHI-74AC125 Datasheet
51Kb / 8P
   Quad Buffer/Line Driver with 3-State Output
logo
STMicroelectronics
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
logo
ON Semiconductor
74AC125 ONSEMI-74AC125 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC125 FAIRCHILD-74AC125 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
More results

Podobny opis - 74AC125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74LS126A NSC-74LS126A Datasheet
95Kb / 4P
   Quad TRI-STATE Buffer
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
54F243 NSC-54F243 Datasheet
133Kb / 6P
   Quad Bus Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com