Zakładka z wyszukiwarką danych komponentów |
|
MC100EP58 Arkusz danych(PDF) 7 Page - ON Semiconductor |
|
MC100EP58 Arkusz danych(HTML) 7 Page - ON Semiconductor |
7 / 8 page MC10EP58, MC100EP58 http://onsemi.com 7 PACKAGE DIMENSIONS SO–8 D SUFFIX PLASTIC SOIC PACKAGE CASE 751–07 ISSUE W SEATING PLANE 1 4 5 8 N J X 45 _ K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. A B S D H C 0.10 (0.004) DIM A MIN MAX MIN MAX INCHES 4.80 5.00 0.189 0.197 MILLIMETERS B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.053 0.069 D 0.33 0.51 0.013 0.020 G 1.27 BSC 0.050 BSC H 0.10 0.25 0.004 0.010 J 0.19 0.25 0.007 0.010 K 0.40 1.27 0.016 0.050 M 0 8 0 8 N 0.25 0.50 0.010 0.020 S 5.80 6.20 0.228 0.244 –X– –Y– G M Y M 0.25 (0.010) –Z– Y M 0.25 (0.010) Z S X S M ___ _ DIM MIN MAX MIN MAX INCHES MILLIMETERS A 2.90 3.10 0.114 0.122 B 2.90 3.10 0.114 0.122 C 0.80 1.10 0.031 0.043 D 0.05 0.15 0.002 0.006 F 0.40 0.70 0.016 0.028 G 0.65 BSC 0.026 BSC L 4.90 BSC 0.193 BSC M 0 6 0 6 ___ _ SEATING PLANE PIN 1 1 4 85 DETAIL E B C D A G DETAIL E F M L 2X L/2 –U– S U 0.15 (0.006) T S U 0.15 (0.006) T S U M 0.10 (0.004) V S T 0.10 (0.004) –T– –V– –W– 0.25 (0.010) 8x REF K IDENT K 0.25 0.40 0.010 0.016 TSSOP–8 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948R–02 ISSUE A NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. |
Podobny numer części - MC100EP58 |
|
Podobny opis - MC100EP58 |