Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1535 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SD1535
Szczegółowy opis  Silicon NPN triple diffusion planar type Darlington(For high power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1535 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SD1535 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1535 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1535
Silicon NPN triple diffusion planar type Darlington
For high power amplification
s Features
q
Extremely satisfactory linearity of the forward current transfer
ratio hFE
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
500
400
12
14
7
0.5
50
2
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO(sus)
*
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 500V, IE = 0
VCE = 400V, IB = 0
VEB = 12V, IC = 0
IC = 100mA, RBZ = ∞, L = 25mH
VCE = 2V, IC = 2A
VCE = 2V, IC = 6A
IC = 7A, IB = 70mA
IC = 7A, IB = 70mA
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 7A, IB1 = 70mA, IB2 = –70mA,
VCC = 300V
min
400
500
200
typ
20
1.5
5.0
6.5
max
0.1
0.1
100
2.0
2.5
Unit
mA
mA
mA
mA
V
V
MHz
µs
µs
µs
*V
CEO(sus) Test circuit
TC=25°C
Ta=25
°C
X
L 25mH
15V
1
Y
G
6V
120
60Hz
I
C(A)
0.2
0.1
80
V
CE(V)
Unit: mm
Internal Connection
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
B
C
E


Podobny numer części - 2SD1535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SD1535 ISC-2SD1535 Datasheet
73Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1535 SAVANTIC-2SD1535 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
2SD1535 SAVANTIC-2SD1535 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD2255 PANASONIC-2SD2255 Datasheet
55Kb / 3P
   Silicon NPN triple diffusion planar type Darlington For power amplification
2SD1275 PANASONIC-2SD1275 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1276 PANASONIC-2SD1276 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2138 PANASONIC-2SD2138 Datasheet
61Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2250 PANASONIC-2SD2250 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2273 PANASONIC-2SD2273 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1260 PANASONIC-2SD1260 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1446 PANASONIC-2SD1446 Datasheet
63Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1895 PANASONIC-2SD1895 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2222 PANASONIC-2SD2222 Datasheet
72Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1611 PANASONIC-2SD1611 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com