Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP58DTR2 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10EP58DTR2
Szczegółowy opis  3.3V / 5V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP58DTR2 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10EP58DTR2 Datasheet HTML 1Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 2Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 3Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 4Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 5Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 6Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 7Page - ON Semiconductor MC10EP58DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
June, 2001 – Rev. 4
1
Publication Order Number:
MC10EP58/D
MC10EP58, MC100EP58
3.3V / 5VECL 2:1 Multiplexer
The MC10/100EP58 is a 2:1 multiplexer. The device is pin and
functionally equivalent to the EL58 and LVEL58 devices.
The 100 Series contains temperature compensation.
310 ps Typical Propagation Delay
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = –3.0 V to –5.5 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at VEE
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10EP58D
SO–8
98 Units/Rail
MC10EP58DR2
SO–8
2500 Tape & Reel
L = Wafer Lot
Y = Year
W = Work Week
H = MC10
K = MC100
A = Assembly Location
MC100EP58D
SO–8
98 Units/Rail
MC100EP58DR2
SO–8
2500 Tape & Reel
SO–8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
ALYW
KEP58
ALYW
HP58
TSSOP–8
DT SUFFIX
CASE 948R
HEP58
MC10EP58DT
TSSOP–8
100 Units/Rail
MC10EP58DTR2
TSSOP–8 2500 Tape & Reel
MC100EP58DT
TSSOP–8
100 Units/Rail
MC100EP58DTR2
TSSOP–8 2500 Tape & Reel
ALYW
ALYW
KP58
1
8
1
8
1
8
1
8
1
8
1
8


Podobny numer części - MC10EP58DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP58DTR2 ONSEMI-MC10EP58DTR2 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC10EP58DTR2G ONSEMI-MC10EP58DTR2G Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC10EP58DTR2G ONSEMI-MC10EP58DTR2G Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
More results

Podobny opis - MC10EP58DTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com