Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GT20J121 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części GT20J121
Szczegółowy opis  Discrete IGBTs Silicon N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT20J121 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  GT20J121 Datasheet HTML 1Page - Toshiba Semiconductor GT20J121 Datasheet HTML 2Page - Toshiba Semiconductor GT20J121 Datasheet HTML 3Page - Toshiba Semiconductor GT20J121 Datasheet HTML 4Page - Toshiba Semiconductor GT20J121 Datasheet HTML 5Page - Toshiba Semiconductor GT20J121 Datasheet HTML 6Page - Toshiba Semiconductor GT20J121 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GT20J121
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (T
Absolute Maximum Ratings (Note) (T
Absolute Maximum Ratings (Note) (T
Absolute Maximum Ratings (Note) (Taaaa = 25
= 25
= 25
= 25
, unless otherwise specified)
, unless otherwise specified)
, unless otherwise specified)
, unless otherwise specified)
Characteristics
Collector-emitter voltage
Gate-emitter voltage
Collector current (DC)
Collector current (10 ms)
Collector current (1 ms)
Collector power dissipation
Collector power dissipation
Junction temperature
Storage temperature
(Ta = 25)
(Tc = 25)
(Note 1)
Symbol
VCES
VGES
IC
ICP
PC
Tj
Tstg
Rating
600
±25
20
60
80
2
40
150
-55 to 150
Unit
V
A
W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
In general, loss of IGBT increases more when it has positive temperature coefficient and gets higher
temperature.
In case that the temperature rise due to loss of IGBT exceeds the heat release capacity of a device, it leads
to thermorunaway and results in destruction.
Therefore, please design heat release of a device with due consideration to the temperature rise of IGBT.
Note 1: Ensure that the junction temperature does not exceed 150 .
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Junction-to-ambient thermal resistance
Junction-to-case thermal resistance
Symbol
Rth(j-a)
Rth(j-c)
Max
62.5
3.125
Unit
/W
2014-01-07
Rev.2.0


Podobny numer części - GT20J121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
GT20J101 TOSHIBA-GT20J101 Datasheet
259Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT20J101 TOSHIBA-GT20J101 Datasheet
191Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT20J101 TOSHIBA-GT20J101 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT20J101 TOSHIBA-GT20J101_06 Datasheet
191Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
More results

Podobny opis - GT20J121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT60PR21 TOSHIBA-GT60PR21 Datasheet
224Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com