Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GT60PR21 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części GT60PR21
Szczegółowy opis  Discrete IGBTs Silicon N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT60PR21 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  GT60PR21 Datasheet HTML 1Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 2Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 3Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 4Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 5Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 6Page - Toshiba Semiconductor GT60PR21 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GT60PR21
3
6.
6.
6.
6. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
6.1.
6.1.
6.1.
6.1. Static Characteristics (T
Static Characteristics (T
Static Characteristics (T
Static Characteristics (Taaaa = 25
= 25
= 25
= 25 
 unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
Characteristics
Gate leakage current
Collector cut-off current
Gate-emitter cut-off voltage
Collector-emitter saturation voltage
Diode forward voltage
Symbol
IGES
ICES
VGE(OFF)
VCE(sat)
VF
Test Condition
VGE = ±25 V, VCE = 0 V
VCE = 1100 V, VGE = 0 V
IC = 60 mA, VCE = 5 V
IC = 10 A, VGE = 15 V
IC = 60 A, VGE = 15 V
IF = 15 A, VGE = 0 V
Min
4.5
Typ.
1.1
2.0
Max
±100
0.5
7.5
2.5
2.5
Unit
nA
mA
V
6.2.
6.2.
6.2.
6.2. Dynamic Characteristics (T
Dynamic Characteristics (T
Dynamic Characteristics (T
Dynamic Characteristics (Taaaa = 25
= 25
= 25
= 25 
 unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
unless otherwise specified)
Characteristics
Input capacitance
Switching time (rise time)
Switching time (turn-on time)
Switching time (fall time)
Switching time (turn-off time)
Reverse recovery time
Symbol
Cies
tr
ton
tf
toff
trr
Test Condition
VCE = 10 V, VGE = 0 V,
f = 100 kHz
Resistance load
VCC = 600 V, IC = 60 A,
VGG = ±15 V, RG = 51 Ω
See Figure 6.2.1, 6.2.2.
IF = 15 A, di/dt = -20 A/µs
Min
Typ.
2350
0.16
0.25
0.16
0.46
0.60
Max
0.36
Unit
pF
µs
Fig.
Fig.
Fig.
Fig. 6.2.1
6.2.1
6.2.1
6.2.1 Test Circuit of Switching Time
Test Circuit of Switching Time
Test Circuit of Switching Time
Test Circuit of Switching Time
Fig.
Fig.
Fig.
Fig. 6.2.2
6.2.2
6.2.2
6.2.2 Timing Chart of Switching Time
Timing Chart of Switching Time
Timing Chart of Switching Time
Timing Chart of Switching Time
7.
7.
7.
7. Marking (Note)
Marking (Note)
Marking (Note)
Marking (Note)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Note:
This transistor is sensitive to electrostatic discharge and should be handled with care.
2014-01-07
Rev.2.0


Podobny numer części - GT60PR21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
GT60-005 FRONTIER-GT60-005 Datasheet
121Kb / 2P
   6A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
GT605 TSC-GT605 Datasheet
71Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
TAITRON Components Inco...
GT605G TAITRON-GT605G Datasheet
147Kb / 3P
   6 Amp Glass Passivated Quick Connect Rectifier
logo
Toshiba Semiconductor
GT60J101 TOSHIBA-GT60J101 Datasheet
835Kb / 16P
   Discrete IGBTs
GT60J321 TOSHIBA-GT60J321 Datasheet
183Kb / 6P
   The 4th Generation Soft Switching Applications
More results

Podobny opis - GT60PR21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
GT30J341 TOSHIBA-GT30J341 Datasheet
301Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50J341 TOSHIBA-GT50J341 Datasheet
250Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J341 TOSHIBA-GT20J341 Datasheet
251Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT40RR21 TOSHIBA-GT40RR21 Datasheet
226Kb / 9P
   Discrete IGBTs Silicon N-Channel IGBT
GT30J110SRA TOSHIBA-GT30J110SRA Datasheet
543Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50MR21 TOSHIBA-GT50MR21 Datasheet
219Kb / 8P
   Discrete IGBTs Silicon N-Channel IGBT
GT20J121 TOSHIBA-GT20J121 Datasheet
195Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
GT40WR21 TOSHIBA-GT40WR21 Datasheet
131Kb / 5P
   Discrete IGBTs Silicon N-Channel IGBT
GT20N135SRA TOSHIBA-GT20N135SRA Datasheet
649Kb / 10P
   Discrete IGBTs Silicon N-Channel IGBT
GT50JR21 TOSHIBA-GT50JR21 Datasheet
207Kb / 7P
   Discrete IGBTs Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com