Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

TRS4A65F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TRS4A65F
Szczegółowy opis  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS4A65F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TRS4A65F Datasheet HTML 1Page - Toshiba Semiconductor TRS4A65F Datasheet HTML 2Page - Toshiba Semiconductor TRS4A65F Datasheet HTML 3Page - Toshiba Semiconductor TRS4A65F Datasheet HTML 4Page - Toshiba Semiconductor TRS4A65F Datasheet HTML 5Page - Toshiba Semiconductor TRS4A65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TRS4A65F
1
SiC Schottky Barrier Diode
TRS4A65F
TRS4A65F
TRS4A65F
TRS4A65F
Start of commercial production
2016-11
1.
1.
1.
1. Applications
Applications
Applications
Applications
Power Factor Correction
Solar Inverters
Uninterruptible Power Supplies
DC-DC Converters
2.
2.
2.
2. Features
Features
Features
Features
(1)
Chip design of 2nd generation.
(2)
High surge current capability : IFSM = 37A (Max)
(3)
The junction capacitance is small : Cj = 16 pF (Typ.)
(4)
The reverse current is small. : IR = 0.2 µA (Typ.)
(5)
Isolation package: TO-220F-2L
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
TO-220F-2L
1: Cathode
2: Anode
2020-09-28
Rev.5.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


Html Pages

1  2  3  4  5  6 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn