Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

TRS6E65F Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TRS6E65F
Szczegółowy opis  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS6E65F Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TRS6E65F Datasheet HTML 1Page - Toshiba Semiconductor TRS6E65F Datasheet HTML 2Page - Toshiba Semiconductor TRS6E65F Datasheet HTML 3Page - Toshiba Semiconductor TRS6E65F Datasheet HTML 4Page - Toshiba Semiconductor TRS6E65F Datasheet HTML 5Page - Toshiba Semiconductor TRS6E65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRS6E65F
3
7.
7.
7.
7. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Abbreviation Code
S6E65F
Part Number
TRS6E65F
8.
8.
8.
8. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
(1)
The absolute maximum ratings are rated values that must not be exceeded during operation, even for an
instant.
The following are the recommended general derating methods for designing a circuit board using this
device.
VRRM : VRRM has a temperature coefficient of 0.1 %/.
Take this coefficient into account when designing a circuit board that will be operated
in a low-temperature environment.
IF(DC) : We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IF(DC).
IFP
: We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IFP.
IFSM : This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
I2t
: This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
Tj
: Derate device parameters in proportion to this rating in order to ensure high reliability.
We recommend that the junction temperature (Tj) of a device be kept below 140 .
(2)
For other design considerations, see the Toshiba Semiconductor website.
2018-06-27
Rev.2.0
©2016-2018
Toshiba Electronic Devices & Storage Corporation


Html Pages

1  2  3  4  5  6 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn