Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ESD05D6DV Arkusz danych(PDF) 1 Page - Rectron Semiconductor

Numer części ESD05D6DV
Szczegółowy opis  Ultra Low Capacitance ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECTRON [Rectron Semiconductor]
Strona internetowa  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05D6DV Arkusz danych(HTML) 1 Page - Rectron Semiconductor

  ESD05D6DV Datasheet HTML 1Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 2Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 3Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 4Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ESD05D6D is a low-capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic
discharge
(ESD)
protection
for
high-speed
data
interfaces.
With
typical
capacitance
of
0.25pF,
ESD05D6D
is
designed to protect parasitic-sensitive systems
against over-voltage and over-current transient
events. It complies with IEC 61000-4-2 (ESD),
Level 4 (±15kV air, ±8kV contact discharge), IEC
61000-4-4 (electrical fast transient - EFT) (40A,
5/50 ns), very fast charged device model (CDM)
ESD and cable discharge event (CDE), etc.
ESD05D6D
uses
ultra-small
DFN0603
package. Each ESD05D6D device can protect
one high-speed data line. It offers system
designers flexibility to protect single data line
where
space
is
a
premium
concern.
The
combined features of low capacitance, ultra-small
size
and
high
ESD
robustness
make
ESD05D6D ideal for high-speed data port and
high-frequency line applications, such as cellular
phones and HD visual devices.
—Transient protection for high-speed data lines
IEC 61000-4-2 (ESD)
±15kV (Air)
±8kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
—Package optimized for high-speed lines
—Ultra-small package (0.6mmu0.3mmu0.3mm)
—Protects one data, control line
—Low capacitance: 0.25pF (Typical)
—Low leakage current
—Low clamping voltage
—DFN0603 package
—Flammability Rating: UL 94V-0
—Packaging: Tape and Reel
—High temperature soldering guaranted:260 /10s
—Reel size: 7 inch
—Device:ESD05D6D
—Package: DFN0603
—Marking: 5BU
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 10,000pcs
—Serial ATA
—Desktops, Servers and Notebooks
—Cellular Phones
—MDDI Ports
—USB Data Line Protection
—Display Ports
—Digital Visual Interfaces (DVI)
ESD05D6DV
Ultra Low Capacitance ESD Protection Diode
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
APPLICATIONS
PIN CONFIGURATION
FEATURES
CIRCUIT DIAGRAM
— P/N suffix V means AEC-Q101 qualified,
e.g:ESD05D6DV
2020-11/01
REV:O


Html Pages

1  2  3  4  5 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn