Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ESD05D6DV Arkusz danych(PDF) 2 Page - Rectron Semiconductor

Numer części ESD05D6DV
Szczegółowy opis  Ultra Low Capacitance ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECTRON [Rectron Semiconductor]
Strona internetowa  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05D6DV Arkusz danych(HTML) 2 Page - Rectron Semiconductor

  ESD05D6DV Datasheet HTML 1Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 2Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 3Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 4Page - Rectron Semiconductor ESD05D6DV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±20
±20
kV
PPP
Peak Pulse Power (8/20s)
100
W
TOPT
Operating Temperature
-55~125
qC
TSTG
Storage Temperature
-55~150
qC
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VRWM
Reverse Working Voltage
5.0
V
VBR
Reverse Breakdown
Voltage
IT = 1mA
6.0
V
IR
Reverse Leakage Current
VRWM = 5V
100
n
A
VC
Clamping Voltage
IPP = 1A, tp = 8/20s
13
V
IPP = 4A, tp = 8/20s
25
V
CJ
Junction Capacitance
VR = 0V, f = 1MHz
0.25
pF
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tamb=25°C,unless otherwise specified)


Html Pages

1  2  3  4  5 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn