Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESD05D6L Arkusz danych(PDF) 1 Page - Rectron Semiconductor

Numer części ESD05D6L
Szczegółowy opis  Low Capacitance Bidirectional ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECTRON [Rectron Semiconductor]
Strona internetowa  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ESD05D6L Arkusz danych(HTML) 1 Page - Rectron Semiconductor

  ESD05D6L Datasheet HTML 1Page - Rectron Semiconductor ESD05D6L Datasheet HTML 2Page - Rectron Semiconductor ESD05D6L Datasheet HTML 3Page - Rectron Semiconductor ESD05D6L Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The ESD05D6L is designed to protect voltage
sensitive components from ESD and transient
voltage events. Excellent clamping capability, low
leakage, and fast response time, make these parts
ideal for ESD protection on designs where board
space is at a premium. Because of its small size, it is
suited for use in cellular phones, portable devices,
digital cameras, power supplies and many other
portable applications where board space comes at a
premium. Also because of its low capacitance, it is
suited for use in high frequency designs such as
USB 2.0 high speed, VGA, DVI, SDI and other high
speed line applications.
This device has been specifically designed to protect
sensitive components which are connected to data
and transmission lines from overvoltage caused by
ESD (electrostatic discharge), and EFT (electrical
fast transients).
—IEC61000-4-2 (ESD) ±15kV (air), ±8kV
(contact)
—IEC61000-4-4 (EFT) 40A (5/50ηs)
—Peak power dissipation: 35W (8/20μs)
—Protects one directional I/O line
—Low clamping voltage
—Working voltages : 5V
—Low leakage current
—Low capacitance
—DFN0603 package
—Terminals: Gold plated, solderable per
MIL-STD-750, method 2026
—Packaging: Tape and Reel
—Reel size: 7 inch
— Device: ESD05D6L
—Package: DFN0603
—Marking: Y
—Material: Halogen free
—Packing: Tape & Reel
—Quantity per reel: 10,000pcs
—High Speed Line :USB1.0/2.0, VGA, DVI, SDI,
—Serial and Parallel Ports
—Notebooks, Desktops, Servers
—Projection TV
—Cellular handsets and accessories
—Portable instrumentation
—Peripherals
Low Capacitance Bidirectional ESD Protection Diode
DESCRIPTION
MACHANICAL DATA
ORDERING INFORMATION
CIRCUIT DIAGRAM
APPLICATIONS
PIN CONFIGURATION
FEATURES
ESD05D6L
2020-12/01
REV:A


Podobny numer części - ESD05D6L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
ESD05D6L RECTRON-ESD05D6L Datasheet
260Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diode
ESD05D6LV RECTRON-ESD05D6LV Datasheet
260Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diode
More results

Podobny opis - ESD05D6L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
   ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
   Low capacitance bidirectional ESD protection diode
23 November 2022
PESD5V0U1BL NEXPERIA-PESD5V0U1BL Datasheet
198Kb / 10P
   Low capacitance bidirectional ESD protection diode
11 October 2018
PESD5V0U1BA-Q NEXPERIA-PESD5V0U1BA-Q Datasheet
212Kb / 11P
   Low capacitance bidirectional ESD protection diode
3 May 2022
PESD5V0L1BA NEXPERIA-PESD5V0L1BA Datasheet
238Kb / 11P
   Low capacitance bidirectional ESD protection diode
11 April 2023
logo
NXP Semiconductors
PESD5V0S1BLD PHILIPS-PESD5V0S1BLD Datasheet
324Kb / 13P
   Low capacitance bidirectional ESD protection diode
Rev. 1-12 October 2010
logo
Nexperia B.V. All right...
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0L1BA-Q NEXPERIA-PESD5V0L1BA-Q Datasheet
237Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0U1BA NEXPERIA-PESD5V0U1BA Datasheet
209Kb / 11P
   Low capacitance bidirectional ESD protection diode
1 April 2023
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com