Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZH03B Arkusz danych(PDF) 8 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Numer części ZH03B
Szczegółowy opis  Laser Dust Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Strona internetowa  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZH03B Arkusz danych(HTML) 8 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Back Button ZH03B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 9Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 10Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH03B Datasheet HTML 11Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
PWM output way
To calculate PM2.5 concentration through PWM:
P (ug/m3)=1000x(TH)/(TH+TL)
P (ug/m3) is calculated value of PM2.5 concentration, its unit is ug/m3
TH is the time of high level during one period
TL is the time of low level during one period
PWM signal instruction
Detection Range
0-1000ug/m3
PWM signal voltage
3.3V-TTL default
PM2.5 concentration output range
0-1000ug/m3
Period
1000ms±5%
High level output at the period start
200us(theoretical value)
Middle of the period
1000ms±5%
Low level output at the period end
200us (theoretical value)
NOTE: PWM signal output has PM2.5 value only.


Podobny numer części - ZH03B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
   Laser dust sensor
More results

Podobny opis - ZH03B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
   Laser dust sensor
logo
Sensortechnics GmbH
LD65D6S-A SENSORTECHNICS-LD65D6S-A Datasheet
1Mb / 4P
   Laser Module
LD68I6S-A SENSORTECHNICS-LD68I6S-A Datasheet
893Kb / 4P
   Laser Module
LD68J6S-A SENSORTECHNICS-LD68J6S-A Datasheet
995Kb / 4P
   Laser Module
logo
Roithner LaserTechnik G...
QL65F6S-ABC ROITHNER-QL65F6S-ABC Datasheet
192Kb / 5P
   laser module
QL68I6S-ABC ROITHNER-QL68I6S-ABC Datasheet
250Kb / 3P
   laser module
QL65E7S-ABC ROITHNER-QL65E7S-ABC Datasheet
180Kb / 3P
   laser module
logo
NICHIA CORPORATION
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
logo
List of Unclassifed Man...
VLM-650001 ETC2-VLM-650001 Datasheet
73Kb / 1P
   Quarton Laser Module
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com