Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STN4186D Arkusz danych(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Numer części STN4186D
Szczegółowy opis  N-Channel 40-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4186D Arkusz danych(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  STN4186D Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4186D Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4186D Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4186D Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4186D Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4186D Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4186D Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
RDS(on) vs. VGS vs. Temperature
0.
2
0.
4
0.6
0.8
1.
0
1.
2
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V, ID= 38.8 A
VGS = 4.5 V, ID = 27 A
0.000
0.001
0.002
0.003
0.004
0.005
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 38.8 A
TA = 125 °C
TA = 25 °C
Forward Diode Voltage vs. Temperature
Threshold Voltage
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ = 150 °C
0.8
1.2
1.6
2.0
2.4
2.8
- 50 - 25
0
25
50
75
100
125 150
175
TJ - Temperature (°C)
ID = 250 µA
Safe Operating Area, Junction-to-Ambient
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
TA = 25 °C
Single Pulse
dc
10 s
1 s
100 ms
10 ms
*Limited by rDS (on)
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STN4186D
4


Podobny numer części - STN4186D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Stanson Technology
STN4186D STANSON-STN4186D Datasheet
754Kb / 9P
   N Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STN4186D DOINGTER-STN4186D Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - STN4186D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com