Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

STN4402 Arkusz danych(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Numer części STN4402
Szczegółowy opis  N-Channel 20V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4402 Arkusz danych(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  STN4402 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.005
0.010
0.015
0.020
0.025
0.030
02
4
6
8
10
TJ =25 °C
TJ = 125 °C
VGS - Gate-to-Source Voltage (V)
0
50
10
Time (s)
20
1
100
600
10
10-1
10-2
10-3
30
40
Safe Operating Area, Junction-to-Ambient
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
100 µA
1s
10 s
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
4
STN4402


Html Pages

1  2  3  4  5  6  7  8  9 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn