Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

STN4402 Arkusz danych(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Numer części STN4402
Szczegółowy opis  N-Channel 20V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4402 Arkusz danych(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  STN4402 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
3
6
9
12
15
18
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Foot
0
1
2
3
4
5
6
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
5
STN4402


Html Pages

1  2  3  4  5  6  7  8  9 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn