Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

STN4402 Arkusz danych(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Numer części STN4402
Szczegółowy opis  N-Channel 20V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VBSEMI [VBsemi Electronics Co.,Ltd]
Strona internetowa  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STN4402 Arkusz danych(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  STN4402 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STN4402 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10 -3
10 -2
1
10
600
10 -1
10 -4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 70 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
6
STN4402


Html Pages

1  2  3  4  5  6  7  8  9 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn