Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMG-22S Arkusz danych(PDF) 2 Page - Sanken electric

Numer części FMG-22S
Szczegółowy opis  Ultra-Fast-Recovery Rectifier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMG-22S Arkusz danych(HTML) 2 Page - Sanken electric

  FMG-22S Datasheet HTML 1Page - Sanken electric FMG-22S Datasheet HTML 2Page - Sanken electric FMG-22S Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra-Fast-Recovery Rectifier Diodes
200V
4.5±0.2
2.0min
1.35±0.4
1.35±0.4
5.1
1.1±0.2
1.5±0.2
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
+0.2
–0.1
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
27
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
1.2±0.05
5.2±0.2
Cathode Mark
S type
R type
S type
R type
+0.4
–0.1
6.5±0.4
2.3±0.4
5.4
4.9
4.1
5.4±0.4
0.8±
0.1
0.8
1.5 max
±0.1
0.55 ±0.1
0.55±0.1
1.15±0.1
2.29±0.52.29±0.5
0 to 0.25
2.9
a: Part Number
b: Polarity
c: Lot No.
(Common to backside of case)
N.C
1 Chip
Anode
Cathode
Anode
Center-tap
Anode
Cathode (Common)
10.2±
0.3
2.54±
0.5
0.4±
0.1
2.59±
0.2
1.3±
0.2
4.44±
0.2
2.54±
0.5
1.2±
0.2
1.27±
0.2
0.1
+0.2
–0.1
+0.2
–0.1
0.86
a
b
c
a: Part Number
b: Polarity
c: Lot No.
a
b
c
7.5±0.1 7.5±0.1
7.5±0.1
12.5±0.2
4.6±0.2
3.6±0.2
C3
1
+0.2
–0.1
+0.2
–0.1
0.7
2.7±0.1
7.5±0.1
7.5±0.1
2.5±0.1
30±0.2
4.6±0.2
C3
15±0.2
3.6±0.2
1
2
0.7
10±0.1
2.7±0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
1 Chip
Center-tap
25±0.2
(Backside of case)


Podobny numer części - FMG-22S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results

Podobny opis - FMG-22S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
U5A2CIC KEC-U5A2CIC_07 Datasheet
42Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A4CIC KEC-U10A4CIC_07 Datasheet
446Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U20A4CI KEC-U20A4CI Datasheet
370Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
SMAU1G KEC-SMAU1G_07 Datasheet
439Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Unisonic Technologies
BYR79 UTC-BYR79 Datasheet
166Kb / 3P
   ULTRA FAST-RECOVERY RECTIFIER DIODE
logo
KEC(Korea Electronics)
U5A6CD KEC-U5A6CD Datasheet
349Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CDC KEC-U10A6CDC Datasheet
349Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U8A6CD KEC-U8A6CD Datasheet
357Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A3CIC KEC-U10A3CIC_15 Datasheet
444Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U10A6CIC KEC-U10A6CIC Datasheet
352Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Sanken electric
FMXJ-2164S SANKEN-FMXJ-2164S Datasheet
328Kb / 8P
   Ultra-Fast-Recovery Rectifier Diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com