Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA3010D Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KA3010D
Szczegółowy opis  4-CH MOTOR DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3010D Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KA3010D Datasheet HTML 1Page - Fairchild Semiconductor KA3010D Datasheet HTML 2Page - Fairchild Semiconductor KA3010D Datasheet HTML 3Page - Fairchild Semiconductor KA3010D Datasheet HTML 4Page - Fairchild Semiconductor KA3010D Datasheet HTML 5Page - Fairchild Semiconductor KA3010D Datasheet HTML 6Page - Fairchild Semiconductor KA3010D Datasheet HTML 7Page - Fairchild Semiconductor KA3010D Datasheet HTML 8Page - Fairchild Semiconductor KA3010D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KA3010D
CD-ROM PRODUCTS
2
MIC-99D001
January 1999
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
Pin No.
Symbol
I/O
Description
1
CH1-O
O
Drive CH 1 output (
−)
15
AMP-1 (
−)
I
Op-amp input (
−)
2
CH1-O
O
Drive CH 1 output (+)
16
AMP-I (+)
I
Op-amp input (+)
3
CH1-I
I
Drive CH 1 input
17
CH3-O
O
Drive CH 3 output (
−)
4
CH1-GA
I
Drive CH1 input
(Adjustable)
18
CH3-O
O
Drive CH 3 output (+)
5
NC
No connection
19
CH3-I
I
Drive CH 3 input
6
NC
No connection
20
CH3-GA
I
Drive CH 3 input (Adjustable)
7
MUTE
I
Mute
21
VCC2
Supply voltage 2
8
GND
Signal ground
22
VCC1
Supply voltage 1
9
CH2-GA
I
Drive CH 2 input
(Adjustable)
23
BIAS
I
2.5V bias
10
CH2-I
I
Drive CH 2 input
24
CH4-GA
I
Drive CH 4 input (Adjustable)
11
CH2-O
O
Drive CH 2 output (+)
25
CH4-I
I
Drive CH 4 input
12
CH2-O
O
Drive CH 2 output (
−)
26
CH4-O
O
Drive CH 4 output (+)
13
GND
Power ground
27
CH4-O
O
Drive CH 4 output (
−)
14
AMP-O
O
Op-amp output
28
GND
Power ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
FIN
(GND)
FIN
(GND)
KA3010D


Podobny numer części - KA3010D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3012D-02 FAIRCHILD-KA3012D-02 Datasheet
238Kb / 13P
   4-Channel Motor Driver
More results

Podobny opis - KA3010D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
logo
List of Unclassifed Man...
D9258PH ETC-D9258PH Datasheet
461Kb / 11P
   4-CH MOTOR DRIVER
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com