Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP80C251SB16 Arkusz danych(PDF) 1 Page - Intel Corporation

Numer części TP80C251SB16
Szczegółowy opis  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

TP80C251SB16 Arkusz danych(HTML) 1 Page - Intel Corporation

  TP80C251SB16 Datasheet HTML 1Page - Intel Corporation TP80C251SB16 Datasheet HTML 2Page - Intel Corporation TP80C251SB16 Datasheet HTML 3Page - Intel Corporation TP80C251SB16 Datasheet HTML 4Page - Intel Corporation TP80C251SB16 Datasheet HTML 5Page - Intel Corporation TP80C251SB16 Datasheet HTML 6Page - Intel Corporation TP80C251SB16 Datasheet HTML 7Page - Intel Corporation TP80C251SB16 Datasheet HTML 8Page - Intel Corporation TP80C251SB16 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PRELIMINARY
COPYRIGHT © INTEL CORPORATION, 1996
May 1996
Order Number: 272783-003
8XC251SA/SB/SP/SQ
HIGH-PERFORMANCE
CHMOS MICROCONTROLLER
Commercial/Express
A member of the Intel family of 8-bit MCS 251 microcontrollers, the 8XC251SA/SB/SP/SQ is binary-code
compatible with MCS 51 microcontrollers and pin compatible with 40-pin PDIP and 44-pin PLCC MCS 51
microcontrollers. MCS 251 microcontrollers feature an enriched instruction set, linear addressing, and
efficient C-language support. The 8XC251SA/SB/SP/SQ has 512 bytes or 1 Kbyte of on-chip RAM and is
available with 8 Kbytes or 16 Kbytes of on-chip ROM/OTPROM/EPROM, or without ROM/OTPROM/EPROM.
A variety of features can be selected by new user-programmable configurations.
s Real-time and Programmed Wait State
Bus Operation
s Binary-code Compatible with MCS® 51
s Pin Compatible with 44-pin PLCC and 40-
pin PDIP MCS 51 Sockets
s Register-based MCS® 251 Architecture
— 40-byte Register File
— Registers Accessible as Bytes, Words,
or Double Words
s Enriched MCS 51 Instruction Set
— 16-bit and 32-bit Arithmetic and Logic
Instructions
— Compare and Conditional Jump
Instructions
— Expanded Set of Move Instructions
s Linear Addressing
s 256-Kbyte Expanded External Code/Data
Memory Space
s ROM/OTPROM/EPROM Options:
16 Kbytes (SB/SQ), 8 Kbytes (SA/SP), or
without ROM/OTPROM/EPROM
s 16-bit Internal Code Fetch
s 64-Kbyte Extended Stack Space
s On-chip Data RAM Options:
1-Kbyte (SA/SB) or 512-Byte (SP/SQ)
s 8-bit, 2-clock External Code Fetch in
Page Mode
s Fast MCS 251 Instruction Pipeline
s User-selectable Configurations:
— External Wait States (0-3 wait states)
— Address Range & Memory Mapping
— Page Mode
s 32 Programmable I/O Lines
s Seven Maskable Interrupt Sources
with Four Programmable Priority
Levels
s Three Flexible 16-bit Timer/counters
s Hardware Watchdog Timer
s Programmable Counter Array
— High-speed Output
— Compare/Capture Operation
— Pulse Width Modulator
— Watchdog Timer
s Programmable Serial I/O Port
— Framing Error Detection
— Automatic Address Recognition
s High-performance CHMOS Technology
s Static Standby to 16-MHz Operation
s Complete System Development
Support
— Compatible with Existing Tools
— New MCS 251 Tools Available:
Compiler, Assembler, Debugger, ICE
s Package Options (PDIP, PLCC, and
Ceramic DIP)


Podobny numer części - TP80C251SB16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intel Corporation
TP80C32 INTEL-TP80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP80C51FA INTEL-TP80C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
Intel Corporation
TP80C52 INTEL-TP80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP80C54 INTEL-TP80C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Podobny opis - TP80C251SB16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com