Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9952HL Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA9952HL
Szczegółowy opis  10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9952HL Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA9952HL Datasheet HTML 2Page - NXP Semiconductors TDA9952HL Datasheet HTML 3Page - NXP Semiconductors TDA9952HL Datasheet HTML 4Page - NXP Semiconductors TDA9952HL Datasheet HTML 5Page - NXP Semiconductors TDA9952HL Datasheet HTML 6Page - NXP Semiconductors TDA9952HL Datasheet HTML 7Page - NXP Semiconductors TDA9952HL Datasheet HTML 8Page - NXP Semiconductors TDA9952HL Datasheet HTML 9Page - NXP Semiconductors TDA9952HL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
2002 Aug 21
6
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V, 25 Msps analog-to-digital
interface for CCD cameras
TDA9952
VCCA6
41
analog supply voltage 6
STDBY
42
standby mode control input (LOW: TDA9952 active; HIGH: TDA9952 standby)
BLK
43
blanking control input
CLPOB
44
clamp pulse input at optical black
SHP
45
preset sample-and-hold pulse input
SHD
46
data sample-and-hold pulse input
CLK
47
data clock input
CLPDM
48
clamp pulse input at dummy pixel
SYMBOL
PIN
DESCRIPTION
handbook, full pagewidth
TDA9952HL
FCE483
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VCCA1
AGND1
AGND2
IN
AGND3
AGND4
VCCA2
CPCDS1
CPCDS2
DCLPC
OFDOUT
TEST
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
n.c.
n.c.
Fig.2 Pin configuration.
Note: the HVQFN package pin configuration is identical.


Podobny numer części - TDA9952HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9950TT NXP-TDA9950TT Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

Podobny opis - TDA9952HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com