Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1975 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SD1975
Szczegółowy opis  Silicon NPN triple diffusion planar type(For high power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1975 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SD1975 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1975 Datasheet HTML 2Page - Panasonic Semiconductor 2SD1975 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD1975, 2SD1975A
Silicon NPN triple diffusion planar type
For high power amplification
Complementary to 2SB1317 and 2SB1317A
s Features
q
Satisfactory foward current transfer ratio hFE collector current IC
characteristics
q
Wide area of safe operation (ASO)
q
High transition frequency fT
q
Optimum for the output stage of a HiFi audio amplifier
s Absolute Maximum Ratings (T
C=25˚C)
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
IEBO
hFE1
hFE2
*
hFE3
VBE
VCE(sat)
fT
Cob
Conditions
VCB = 180V, IE = 0
VCB = 200V, IE = 0
VEB = 3V, IC = 0
VCE = 5V, IC = 20mA
VCE = 5V, IC = 1A
VCE = 5V, IC = 8A
VCE = 5V, IC = 8A
IC = 10A, IB = 1A
VCE = 5V, IC = 0.5A, f = 1MHz
VCB = 10V, IE = 0, f = 1MHz
min
20
60
20
typ
20
200
max
50
50
50
200
1.8
2.5
Unit
µA
µA
V
V
MHz
pF
*h
FE2 Rank classification
Rank
Q
S
P
hFE2
60 to 120
80 to 160
100 to 200
Unit: mm
1:Base
2:Collector
3:Emitter
TOP–3L Package
20.0
±0.5
10.9
±0.5
123
2.0
±0.3
3.0
±0.3
1.0
±0.2
5.0
±0.3
3.0
5.45
±0.3
0.6
±0.2
1.5
2.7
±0.3
1.5
φ 3.3±0.2
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
180
200
180
200
5
25
15
150
3.5
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1975
2SD1975A
2SD1975
2SD1975A
TC=25°C
Ta=25
°C
2SD1975
2SD1975A


Podobny numer części - 2SD1975

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1975 PANASONIC-2SD1975 Datasheet
54Kb / 3P
   Silicon PNP triple diffusion planar type(For high power amplification)
logo
Inchange Semiconductor ...
2SD1975 ISC-2SD1975 Datasheet
104Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1975 SAVANTIC-2SD1975 Datasheet
203Kb / 4P
   Silicon NPN Power Transistors
2SD1975 SAVANTIC-2SD1975 Datasheet
205Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1975A ISC-2SD1975A Datasheet
104Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1975

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD1499 PANASONIC-2SD1499 Datasheet
44Kb / 2P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD2064 PANASONIC-2SD2064 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD2052 PANASONIC-2SD2052 Datasheet
52Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1485 PANASONIC-2SD1485 Datasheet
44Kb / 2P
   Silicon NPN triple diffusion planar type(For high power amplification)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com