Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

AD1839 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD1839
Szczegółowy opis  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1839 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD1839 Datasheet HTML 2Page - Analog Devices AD1839 Datasheet HTML 3Page - Analog Devices AD1839 Datasheet HTML 4Page - Analog Devices AD1839 Datasheet HTML 5Page - Analog Devices AD1839 Datasheet HTML 6Page - Analog Devices AD1839 Datasheet HTML 7Page - Analog Devices AD1839 Datasheet HTML 8Page - Analog Devices AD1839 Datasheet HTML 9Page - Analog Devices AD1839 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. B
–6–
AD1839
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD1839 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
TEMPERATURE RANGE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
∞C
Functionality Guaranteed
–40
+85
∞C
Storage
–65
+150
∞C
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted.)
AVDD, DVDD, ODVDD to AGND, DGND . . –0.3 V to +6.0 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . –0.3 V to ODVDD + 0.3 V
Analog I/O Voltage to AGND . . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
∞C to +85∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD1839AS
–40
oC to +85oC
52-Lead MQFP
S-52
AD1839AS-REEL
–40
oC to +85oC
52-Lead MQFP
S-52
EVAL-AD1839EB
Evaluation Board


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn