Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

AD1839 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD1839
Szczegółowy opis  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1839 Arkusz danych(HTML) 3 Page - Analog Devices

  AD1839 Datasheet HTML 1Page - Analog Devices AD1839 Datasheet HTML 2Page - Analog Devices AD1839 Datasheet HTML 3Page - Analog Devices AD1839 Datasheet HTML 4Page - Analog Devices AD1839 Datasheet HTML 5Page - Analog Devices AD1839 Datasheet HTML 6Page - Analog Devices AD1839 Datasheet HTML 7Page - Analog Devices AD1839 Datasheet HTML 8Page - Analog Devices AD1839 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. B
AD1839
–3–
Parameter
Min
Typ
Max
Unit
ADC DECIMATION FILTER, 96 kHz
*
Pass Band
43.54
kHz
Pass-Band Ripple
±0.01
dB
Stop Band
52.46
kHz
Stop-Band Attenuation
120
dB
Group Delay
460
ms
DAC INTERPOLATION FILTER, 48 kHz
*
Pass Band
21.77
kHz
Pass-Band Ripple
±0.06
dB
Stop Band
28
kHz
Stop-Band Attenuation
55
dB
Group Delay
340
ms
DAC INTERPOLATION FILTER, 96 kHz
*
Pass Band
43.54
kHz
Pass-Band Ripple
±0.06
dB
Stop Band
52
kHz
Stop-Band Attenuation
55
dB
Group Delay
160
ms
DAC INTERPOLATION FILTER, 192 kHz
*
Pass Band
81.2
kHz
Pass-Band Ripple
±0.06
dB
Stop Band
97
kHz
Stop-Band Attenuation
80
dB
Group Delay
110
ms
DIGITAL I/O
Input Voltage High
2.4
V
Input Voltage Low
0.8
V
Output Voltage High
ODVDD – 0.4
V
Output Voltage Low
0.4
V
Leakage Current
±10
mA
POWER SUPPLIES
Supply Voltage (AVDD and DVDD)
4.5
5.0
5.5
V
Supply Voltage (ODVDD)
3.0
DVDD
V
Supply Current IANALOG
84
95
mA
Supply Current IANALOG, Power-Down
55
67
mA
Supply Current IDIGITAL
64
74
mA
Supply Current IDIGITAL, Power-Down
1
4.5
mA
Dissipation
Operation, Both Supplies
740
mW
Operation, Analog Supply
420
mW
Operation, Digital Supply
320
mW
Power-Down, Both Supplies
280
mW
Power Supply Rejection Ratio
1 kHz, 300 mV p-p Signal at Analog Supply Pins
–70
dB
20 kHz, 300 mV p-p Signal at Analog Supply Pins
–75
dB
*Guaranteed by design.
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn