Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG14MN Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części NBSG14MN
Szczegółowy opis  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14MN Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button NBSG14MN Datasheet HTML 3Page - ON Semiconductor NBSG14MN Datasheet HTML 4Page - ON Semiconductor NBSG14MN Datasheet HTML 5Page - ON Semiconductor NBSG14MN Datasheet HTML 6Page - ON Semiconductor NBSG14MN Datasheet HTML 7Page - ON Semiconductor NBSG14MN Datasheet HTML 8Page - ON Semiconductor NBSG14MN Datasheet HTML 9Page - ON Semiconductor NBSG14MN Datasheet HTML 10Page - ON Semiconductor NBSG14MN Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NBSG14
http://onsemi.com
7
Table 9. AC CHARACTERISTICS for QFN−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 4) (Note 30)
10.5
12
10.5
12
10.5
12
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
90
125
160
90
125
160
90
125
160
ps
tSKEW
Duty Cycle Skew (Note 31)
Within−Device Skew (Note 32)
Device−to−Device Skew (Note 33)
3
6
25
15
15
50
3
6
25
15
15
50
3
6
25
15
15
50
ps
tJITTER
RMS Random Clock Jitter
(Figure 4) (Note 35)
fin < 10 GHz
Peak−to−Peak Data Dependent Jitter
(Note 36)
fin < 10 Gb/s
0.2
1
0.2
10
1
0.2
1
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 34)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%) @ 1 GHz
15
30
55
20
30
55
20
30
55
ps
30. Measured using a 500 mV source, 50% duty cycle clock source. All outputs loaded with 50
W to VCC − 2.0 V. Input edge rates 40 ps
(20% − 80%)
31. See Figure 6. tSKEW = |tPLH − tPHL| for a nominal 50% Differential Clock Input Waveform.
32. Within−Device skew is measured between outputs under identical transitions and conditions on any one device.
33. Device−to−device skew for identical transitions at identical VCC levels.
34. VINPP (MAX) cannot exceed VCC − VEE (applicable only when VCC−VEE < 2600 mV).
35. Additive RMS Jitter with 50% duty cycle clock signal at 10 GHz.
36. Additive Peak−to−Peak data dependent jitter with NRZ PRBS 231−1 data at 10 Gb/s.
OUTPUT P−P SPEC
(AMPLITUDE GUARANTEE)
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at Ambient Temperature (Typical)
0
100
200
300
400
500
12
34
5678
9
10
11
12
INPUT FREQUENCY (GHz)
RMS JITTER
1
2
3
4
5
6
7
8
9
10
0
OUTPUT AMPLITUDE


Podobny numer części - NBSG14MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG14MN ONSEMI-NBSG14MN Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG14MNG ONSEMI-NBSG14MNG Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG14MNG ONSEMI-NBSG14MNG Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG14MNHTBG ONSEMI-NBSG14MNHTBG Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG14MNR2 ONSEMI-NBSG14MNR2 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
More results

Podobny opis - NBSG14MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com