Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8316 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8316
Szczegółowy opis  Dual Output GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8316 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8316 Datasheet HTML 6Page - Analog Devices AD8316 Datasheet HTML 7Page - Analog Devices AD8316 Datasheet HTML 8Page - Analog Devices AD8316 Datasheet HTML 9Page - Analog Devices AD8316 Datasheet HTML 10Page - Analog Devices AD8316 Datasheet HTML 11Page - Analog Devices AD8316 Datasheet HTML 12Page - Analog Devices AD8316 Datasheet HTML 13Page - Analog Devices AD8316 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. C
–10–
AD8316
Further details about the structure and function of log amps are
provided in data sheets for other log amps produced by Analog
Devices. The AD640 and AD8307 include detailed discussions
of the basic principles of operation and explain why the intercept
depends on waveform, an important consideration when complex
modulation is imposed on an RF carrier.
The intercept need not correspond to a physically realizable part
of the signal range for the log amp. Thus, for the AD8316, the
specified intercept is –62 dBm at 0.9 GHz, whereas the lowest
acceptable input for accurate measurement (+1 dB error) is
–48 dBm. At 2.5 GHz, the +1 dB error point shifts to –52 dBm.
This positioning of the intercept is deliberate and ensures that
the VSET voltage is within the capabilities of certain DACs,
whose outputs cannot swing below 200 mV. Figure 2 shows the
0.9 GHz response of the AD8316; the vertical axis represents
the value required at the power control pin VSET to null the
control loop rather than the voltage at the OUT1 or OUT2
pins.
PIN
0.5V
–67dBm
0
1.5V
1.0V
100 V
80dBV
VIN, dBVIN
1mV
60dBV
10mV
40dBV
100mV
20dBV
1V (rms)
0dBV
–47dBm
–27dBm
–7dBm
+13dBm
–62dBm
SLOPE
=
22mV/dB
IDEAL
0.308V AT –48dBm
ACTUAL
1.408V AT +2dBm
Figure 2. Basic Calibration of the AD8316 at 0.9 GHz
Controller-Mode Log Amps
The AD8316 combines the two key functions required for the
measurement and control of the power level over a moder-
ately wide dynamic range. First, it provides the amplification
needed to respond to small signals with a chain of four ampli-
fier/limiter cells, each with a small signal gain of 10 dB and a
bandwidth of approximately 4 GHz (see Figure 1). At the
output of each of these amplifier stages is a full-wave recti-
fier, essentially a square-law detector cell that converts the
RF signal voltages to a fluctuating current having an average
value that increases with signal level. A passive detector stage is
added ahead of the first stage. These five detectors are separated
by 10 dB, spanning 50 dB of dynamic range. Their outputs are
in the form of a differential current, making summation a
simple matter. It is readily shown that the summed output can
closely approximate a logarithmic function. The overall accu-
racy at the extremes of the total range, viewed as the deviation
from an ideal logarithmic response, that is, the law-conformance
error, can be judged by referring to TPC 4, which shows that
errors across the central 40 dB are moderate. Other perfor-
mance curves show how conformance to an ideal logarithmic
function varies with supply voltage, temperature, and frequency.
In a device intended for measurement applications, this current
would be converted to an equivalent voltage to provide the
log(VIN) function shown in Equation 1. However, the design of
the AD8316 differs from standard practice in that its output
needs to be a low noise control voltage for an RF power ampli-
fier, not a direct measure of the input level. Further, it is highly
desirable that this voltage be proportional to the time integral of
the error between the actual input VIN and a dc voltage VSET
(applied to Pin 3, VSET) that defines the setpoint, that is, a
target value for the power level, typically generated by a DAC.
This is achieved by converting the difference between the sum
of the detector outputs (still in current form) and an internally
generated current proportional to VSET to a single-sided
current-mode signal. This, in turn, is converted to a voltage
(at FLT1 or FLT2, the low-pass filter capacitor nodes) to
provide a close approximation to an exact integration of the
error between the power present in the termination at the input
of the AD8316 and the setpoint voltage. Finally, the voltages
developed across the ground referenced filter capacitors CFLT
are buffered by a special low noise amplifier of low voltage
gain (
×1.35) and presented at OUT2 or OUT1 for use as the
control voltage for the appropriate RF power amplifier. This
buffer can provide rail-to-rail swings and can drive a substan-
tial load current, including large capacitors. Note: The RF
power delivered by the power amplifier is assumed to increase mono-
tonically with an increasingly positive voltage on its APC control pin.
Band selection in the AD8316 relies on the fact that dual-band/
dual-mode amplifier systems require only one active amplifier at
a time. This allows both amplifier outputs to share the RF input
of the AD8316 (Pin 1, RFIN) as long as the inactive amplifier is
disabled, i.e., it is not delivering RF power. In this case, power
control is directed solely through the selected amplifier. The
AD8316 ensures that the output control pin associated with the
unselected amplifier pulls its APC pin to ground. It is assumed
that the amplifier is essentially disabled when its APC pin is
grounded.
Control Loop Dynamics
To understand how the AD8316 behaves in a complete control
loop, it is necessary to develop an expression for the current in
the integration capacitor as a function of the input VIN and the
setpoint voltage VSET. Refer to Figure 3.
1.35
CFLT
4
FLT1
9
VOUT1
VSET
VIN
IDET
SETPOINT
INTERFACE
3
RFIN
1
LOGARITHMIC
RF DETECTION
SUBSYSTEM
IERR
VSET
ISET = VSET / 4.15k
IDET = ISLP log10 (VIN/VZ)
Figure 3. Behavioral Model for the AD8316 with
OUT1 Selected
First, write the summed detector currents as a function of the
input:
II
V
V
DET
SLP
IN
Z
=
log
(
/
)
10
(3)
where IDET is the partially filtered demodulated signal, whose
exact average value will be extracted through the subsequent
integration step; ISLP is the current-mode slope, and has a value
of 106 mA per decade (that is, 5.3 mA/dB); VIN is the input in


Podobny numer części - AD8316

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD831 AD-AD831 Datasheet
436Kb / 16P
   Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
More results

Podobny opis - AD8316

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
   Dual Band GSM Power Controller
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com