Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8316ACP-EVAL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8316ACP-EVAL
Szczegółowy opis  Dual Output GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8316ACP-EVAL Arkusz danych(HTML) 5 Page - Analog Devices

  AD8316ACP-EVAL Datasheet HTML 1Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 2Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 3Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 4Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 5Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 6Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 7Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 8Page - Analog Devices AD8316ACP-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. C
AD8316
–5–
INPUT AMPLITUDE – dBm
–1
–60
–2
–4
–40
–30
–20
0
1
–10
0
10
4
2
3
–50
–73
–53
–43
–33
–13
–23
–3
–63
–3
INPUT AMPLITUDE – dBV
+85 C
–30 C
TPC 7. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side
of Mean, 0.1 GHz
INPUT AMPLITUDE – dBm
–1
–60
–2
–4
–40
–30
–20
0
1
–10
0
10
4
2
3
–50
–73
–53
–43
–33
–13
–23
–3
–63
–3
INPUT AMPLITUDE – dBV
+85 C
–30 C
TPC 8. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side
of Mean, 0.9 GHz
FREQUENCY – GHz
700
0
1000
100
0.5
1.5
2.0
1600
1300
2.5
3100
1900
2500
400
1.0
–1200
–1600
–2000
–600
–800
0
–400
–200
–1800
X
2800
2200
–1400
–1000
R (CSP)
FREQ
MSOP
CHIP-SCALE (LFCSP)
(GHz)
0.1
0.9
1.9
2.5
R –
3100 –
600 –
320 –
110 –
jX
j1220
j194
j134
j86
R –
2630 –
1000 –
620 –
435 –
jX
j1800
j270
j130
j110
R
X (LFCSP)
X (MSOP)
R (MSOP)
TPC 9. Input Impedance vs. Frequency
INPUT AMPLITUDE – dBm
–1
–60
–2
–4
–40
–30
–20
0
1
–10
0
10
4
2
3
–50
–73
–53
–43
–33
–13
–23
–3
–63
–3
INPUT AMPLITUDE – dBV
+85 C
–30 C
TPC 10. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side
of Mean, 1.9 GHz
INPUT AMPLITUDE – dBm
–1
–60
–2
–4
–40
–30
–20
0
1
–10
0
10
4
2
3
–50
–73
–53
–43
–33
–13
–23
–3
–63
–3
INPUT AMPLITUDE – dBV
+85 C
–30 C
TPC 11. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side
of Mean, 2.5 GHz
VENBL – V
0.8
1.0 1.1 1.2
1.4
1.3
1.5
8
0.9
6
4
2
0
1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3
INCREASING
VENBL
DECREASING
VENBL
TPC 12. Supply Current vs. VENBL


Podobny numer części - AD8316ACP-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD831 AD-AD831 Datasheet
436Kb / 16P
   Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
More results

Podobny opis - AD8316ACP-EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
   Dual Band GSM Power Controller
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com