Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


IRF2807ZL Datasheet(Arkusz danych) 5 Page - International Rectifier

Numer części IRF2807ZL
Szczegółowy opis  Advanced Process Technology
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo 

 
 5 page
background image
IRF2807Z/S/L
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 10. Normalized On-Resistance
vs. Temperature
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
Limited By Package
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 53A
VGS = 10V
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
IRF2807PBFAdvanced Process Technology 1 2 3 4 5 MoreInternational Rectifier
IRLI3215PBFAdvanced Process Technology 1 2 3 4 5 MoreInternational Rectifier
IRFZ34VSAdvanced Process Technology 1 2 3 4 5 MoreInternational Rectifier
IRF1404ZAdvanced Process Technology 1 2 3 4 5 MoreInternational Rectifier
IRFZ48NSAdvanced Process Technology 1 2 3 4 5 MoreInternational Rectifier
IRGB4055PBFAdvanced Trench IGBT Technology 1 2 3 4 5 MoreInternational Rectifier
MDT10P73This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IRF6621The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance 1 2 3 4 5 MoreInternational Rectifier
SW2N60This power MOSFET is produced in CHMC with advanced VDMOS technology of SAMWIN. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IRF6610HEXFET Power MOSFET Silicon Technology with the advanced DirectFETTM 1 2 3 4 5 MoreInternational Rectifier

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl