Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3161 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADP3161
Szczegółowy opis  4-Bit Programmable 2-Phase Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3161 Arkusz danych(HTML) 4 Page - Analog Devices

  ADP3161 Datasheet HTML 1Page - Analog Devices ADP3161 Datasheet HTML 2Page - Analog Devices ADP3161 Datasheet HTML 3Page - Analog Devices ADP3161 Datasheet HTML 4Page - Analog Devices ADP3161 Datasheet HTML 5Page - Analog Devices ADP3161 Datasheet HTML 6Page - Analog Devices ADP3161 Datasheet HTML 7Page - Analog Devices ADP3161 Datasheet HTML 8Page - Analog Devices ADP3161 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. 0
ADP3161
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
REF
GND
CT
COMP
PWM1
PWM2
PWRGD
CS–
CS+
FB
NC
VID3
VID2
VID1
VID0
ADP3161
4-BIT CODE
100
1 F
100nF
1.2V
12V
100nF
VFB
+
AD820
NC = NO CONNECT
TPC 1. Closed-Loop Output Voltage Accuracy Test Circuit
CT CAPACITOR – pF
10000
1000
100
0
100
200
300
400
500
TPC 2. Oscillator Frequency vs. Timing Capacitor
OUT
+
PWM2
PWM1
IL2
IOUT
IL1
5V OR 12V
IL2
IL1
5V
5V
PWM1
PWM2
5V
OR
12V
ADP3161
2-PHASE
SYNCHRONOUS
BUCK
CONTROLLER
ADP3412
SYNCHRONOUS
DRIVER
ADP3412
SYNCHRONOUS
DRIVER
12V
TPC 5. 2-Phase CPU Supply System Level Block Diagram
–Typical Performance Characteristics
OSCILLATOR FREQUENCY – kHz
4.10
3.90
3.85
0
2000
1000
3.95
4.00
4.05
250
500
750
1250
1500
1750
TPC 3. Supply Current vs. Oscillator Frequency
OUTPUT ACCURACY – % OF NOMINAL
30
5
0
–0.5
0.5
0
25
10
TA = 25 C
VOUT = 1.6V
20
15
TPC 4. Output Accuracy Distribution


Podobny numer części - ADP3161

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3162JR AD-ADP3162JR Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results

Podobny opis - ADP3161

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com