Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8008ARM-REEL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8008ARM-REEL
Szczegółowy opis  ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8008ARM-REEL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8008ARM-REEL Datasheet HTML 5Page - Analog Devices AD8008ARM-REEL Datasheet HTML 6Page - Analog Devices AD8008ARM-REEL Datasheet HTML 7Page - Analog Devices AD8008ARM-REEL Datasheet HTML 8Page - Analog Devices AD8008ARM-REEL Datasheet HTML 9Page - Analog Devices AD8008ARM-REEL Datasheet HTML 10Page - Analog Devices AD8008ARM-REEL Datasheet HTML 11Page - Analog Devices AD8008ARM-REEL Datasheet HTML 12Page - Analog Devices AD8008ARM-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. C
AD8007/AD8008
–9–
FREQUENCY – MHz
100
10
HD2, RL = 1k
HD2, RL = 150
HD3, RL = 1k
HD3, RL = 150
G = 1
VS = 5V
VO = 1V p-p
–40
1
–110
–100
–90
–80
–70
–60
–50
TPC 19. AD8008 Second and Third Harmonic
Distortion vs. Frequency and RL
FREQUENCY – MHz
–40
1
100
10
HD2, RL = 1k
HD2, RL = 150
HD3, RL = 1k
HD3, RL = 150
G = 1
VS = 5V
VO = 1V p-p
–110
–100
–90
–80
–70
–60
–50
TPC 20. AD8008 Second and Third Harmonic
Distortion vs. Frequency and RL
FREQUENCY – MHz
100
10
HD2, G = 10
VS = 5V
VO = 2V p-p
RL = 150
HD2, G = 1
HD3, G = 1
HD3, G = 10
–40
1
–110
–100
–90
–80
–70
–60
–50
–30
TPC 21. AD8008 Second and Third Harmonic
Distortion vs. Frequency and Gain
FREQUENCY – MHz
100
10
HD2, RL = 1k
HD2, RL = 150
HD3, RL = 1k
HD3, RL = 150
G = 2
VS = 5V
VO = 1V p-p
–40
1
–110
–100
–90
–80
–70
–60
–50
TPC 22. AD8008 Second and Third Harmonic
Distortion vs. Frequency and RL
FREQUENCY – MHz
100
10
HD2, RL = 150
HD3, RL = 1k
HD3, RL = 150
G = 2
VS = 5V
VO = 2V p-p
–40
1
–110
–100
–90
–80
–70
–60
–50
HD2, RL = 1k
TPC 23. AD8008 Second and Third Harmonic
Distortion vs. Frequency and RL
FREQUENCY – MHz
100
10
HD2, VO = 2V p-p
G = 2
RL = 150
VS = 5
–40
–110
–100
–90
–80
–70
–60
–50
–30
1
HD2, VO = 4V p-p
HD3, VO = 2V p-p
HD3, VO = 4V p-p
TPC 24. AD8008 Second and Third Harmonic
Distortion vs. Frequency and VOUT
(VS =
5 V, RS = 200
, RF = 499
, RL = 150
, @25 C, unless otherwise noted.)


Podobny numer części - AD8008ARM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8008ARM-REEL AD-AD8008ARM-REEL Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008ARM-REEL AD-AD8008ARM-REEL Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008ARM-REEL7 AD-AD8008ARM-REEL7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
More results

Podobny opis - AD8008ARM-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com