Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-5029 Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HLMP-5029
Szczegółowy opis  Right Angle Mout Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-5029 Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-5029 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-5029 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Right Angle Mount Housing
Technical Data
HLMP-5029
Physical Dimensions
Features
• Fits Any Agilent High Dome
T-13/4 LED Lamp
• Snap-In Fit Makes Mounting
Simple
• High Contrast Black Plastic
• May be Ordered with
Mounted T-13/4 Lamp as an
Option
• Housing meets UL9V-0
Flammability Rating
Description
The HLMP-5029 is a black plastic
right angle housing which mates
with Agilent high dome T-13/4
lamps. The leads should be
prebent 90
° as shown prior to
snapping into the right angle
housing.
The housing material is high
temperature nylon capable of
withstanding temperatures up
to +150
°C.
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. LEAD WIDTH MAY BE 0.45 (0.018) OR 0.64 (0.025)
SQUARE NOMINAL DEPENDING UPON PRODUCT TYPE.
3. OPTION 100 IS AVAILABLE FOR LONGER LEADS.
OPTION NO.
CATHODE LEAD
LENGTH
ANODE LEAD
LENGTH
B2
4.70 (0.185)
3.68 (0.145)
4.70 (0.185)
3.68 (0.145)
B1
20.32 (0.800)
MIN.
1.27 (0.050)
NOM. LONGER
THAN CATHODE
SHEARED
EVEN LEADS
UNSHEARED
UNEVEN LEADS
NOTES:
0.242-0.248
DIMENSIONS ARE IN INCHES.
0.33-0.37
45°
0.240-0.246
0.094-0.096
0.103-0.105
0.150-0.154
0.239-0.245
0.062-0.068
0.036-0.040
0.142-0.152
0.348-0.355


Podobny numer części - HLMP-5029

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-5029 AVAGO-HLMP-5029 Datasheet
75Kb / 1P
   Right Angle Mount Housing
More results

Podobny opis - HLMP-5029

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-5029 AVAGO-HLMP-5029 Datasheet
75Kb / 1P
   Right Angle Mount Housing
logo
Adam Technologies, Inc.
DMF-XX-R-N ADAM-TECH-DMF-XX-R-N Datasheet
92Kb / 1P
   RIGHT ANGLE HOUSING MALE TERMINAL
logo
Rosenberger Hochfrequen...
59S20X-400T5-Y ROSENBERGER-59S20X-400T5-Y Datasheet
421Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2LQ-40MT5-Y ROSENBERGER-59S2LQ-40MT5-Y_1 Datasheet
885Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2UQ-40MT5-Y ROSENBERGER-59S2UQ-40MT5-Y_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2AQ-40MT5-Y ROSENBERGER-59S2AQ-40MT5-Y_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2RQ-40MT5-Y ROSENBERGER-59S2RQ-40MT5-Y_1 Datasheet
895Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
logo
Molex Electronics Ltd.
0622024100 MOLEX11-0622024100 Datasheet
28Kb / 1P
   Right Angle, Upper Housing Extractor Tool
logo
Adam Technologies, Inc.
DMF-XX-R-N-P-V0 ADAM-TECH-DMF-XX-R-N-P-V0 Datasheet
98Kb / 1P
   RIGHT ANGLE HOUSING MALE TERMINAL PCB MOUNT
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1050 AVAGO-HLMP-1050 Datasheet
79Kb / 1P
   T-1 (3mm) Right Angle Mount Housing
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com