Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16373 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części 74VCX16373
Szczegółowy opis  Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16373 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button 74VCX16373 Datasheet HTML 2Page - ON Semiconductor 74VCX16373 Datasheet HTML 3Page - ON Semiconductor 74VCX16373 Datasheet HTML 4Page - ON Semiconductor 74VCX16373 Datasheet HTML 5Page - ON Semiconductor 74VCX16373 Datasheet HTML 6Page - ON Semiconductor 74VCX16373 Datasheet HTML 7Page - ON Semiconductor 74VCX16373 Datasheet HTML 8Page - ON Semiconductor 74VCX16373 Datasheet HTML 9Page - ON Semiconductor 74VCX16373 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74VCX16373
http://onsemi.com
7
Figure 5. AC Waveforms
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0V
≈ 0V
OEn
On
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
On
Vm
Vm
Vm
VOH
Vy
Vx
VOL
Vm
WAVEFORM 3 − LE to On PROPAGATION DELAYS, LE MINIMUM
PULSE WIDTH, Dn to LE SETUP AND HOLD TIMES
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns except when noted
VIH
0V
Dn
LEn
Vm
On
VIH
0V
VOH
VOL
tPLH, tPHL
tw
Vm
Vm
Vm
th
ts
Vm
Table 1. AC WAVEFORMS
VCC
Symbol
3.3 V
± 0.3 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
VIH
2.7 V
VCC
VCC
Vm
1.5 V
VCC/2
VCC/2
Vx
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
Vy
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
RL
CL
6V or VCC × 2
GND
Figure 6. Test Circuit
Table 2. TEST CIRCUIT
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 ± 0.3 V;
VCC × 2 at VCC = 2.5 ± 0.2 V; 1.8 ± 0.15 V
tPZH, tPHZ
GND
CL = 30 pF or equivalent (Includes jig and probe capacitance)
RL = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)


Podobny numer części - 74VCX16373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCX16373 STMICROELECTRONICS-74VCX16373 Datasheet
288Kb / 12P
   3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX16373DT ONSEMI-74VCX16373DT Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Podobny opis - 74VCX16373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
   Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com