Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5277 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5277
Szczegółowy opis  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5277 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS5277 Datasheet HTML 1Page - Texas Instruments ADS5277 Datasheet HTML 2Page - Texas Instruments ADS5277 Datasheet HTML 3Page - Texas Instruments ADS5277 Datasheet HTML 4Page - Texas Instruments ADS5277 Datasheet HTML 5Page - Texas Instruments ADS5277 Datasheet HTML 6Page - Texas Instruments ADS5277 Datasheet HTML 7Page - Texas Instruments ADS5277 Datasheet HTML 8Page - Texas Instruments ADS5277 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
ADS5277
SBAS333C – FEBRUARY 2005 – REVISED SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, sampling rate = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, I
SET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted. All values are applicable after the device has been reset.
ADS5277
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Differential Input Capacitance
4.0
pF
Analog Input Common-Mode Range
VCM ± 50
mV
Differential Full-Scale Input Voltage Range
Internal Reference
2.03
VPP
External Reference
2.03
× (VREF
T – VREFB)
VPP
Voltage Overload Recovery Time(7)
3.0
CLK Cycles
–3dBFS, 25
Ω Series
Input Bandwidth
300
MHz
Resistances
DIGITAL INPUTS
VIH High Level Input Voltage
2.2
V
VIL Low Level Input Voltage
0.6
V
CIN Input Capacitance
3
pF
DIGITAL DATA OUTPUTS
Data Format
Straight Offset Binary
Data Bit Rate
240
780
Mbps
SERIAL INTERFACE
SCLK Serial Clock Input Frequency
20
MHz
(7)
A differential ON/OFF pulse is applied to the ADC input. The differential amplitude of the pulse in its ON (high) state is twice the
full-scale range of the ADC, while the differential amplitude of the pulse in its OFF (low) state is zero. The overload recovery time of the
ADC is measured as the time required by the ADC output code to settle within 1% of full-scale, as measured from its mid-code value
when the pulse is switched from ON (high) to OFF (low).
REFERENCE SELECTION
MODE
INT/EXT
DESCRIPTION
Internal Reference; FSR = 2.03VPP
1
Default with internal pull-up.
Internal reference is powered down. The common-mode voltage
External Reference; FSR = 2.03
× (VREF
T – VREFB)
0
of the external reference should be within 50mV of VCM. VCM is
derived from the internal bandgap voltage.
5


Podobny numer części - ADS5277

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5277 TI1-ADS5277 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5277 TI1-ADS5277 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFP TI-ADS5277IPFP Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277IPFP TI1-ADS5277IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFPG4 TI1-ADS5277IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5277

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS8410 TI1-ADS8410 Datasheet
1,005Kb / 40P
[Old version datasheet]   16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com