Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ164 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SJ164
Szczegółowy opis  Silicon P-Channel Junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SJ164 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SJ164 Datasheet HTML 1Page - Panasonic Semiconductor 2SJ164 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon Junction FETs (Small Signal)
unit: mm
2SJ164
Silicon P-Channel Junction FET
For switching
Complementary to 2SK1104
s Features
q Low ON-resistance
q Low-noise characteristics
1: Source
2: Gate
3: Drain
EIAJ: SC-72
New S Type Package
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Gate to Drain voltage
Drain current
Gate current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VGDS
ID
IG
PD
Tch
Tstg
Ratings
65
−20
−10
300
150
−55 to +150
Unit
V
mA
mA
mW
°C
°C
s Electrical Characteristics (Ta = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Gate to Drain voltage
Gate to Source cut-off voltage
Forward transfer admittance
Drain to Source ON-resistance
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Symbol
IDSS*
IGSS
VGDS
VGSC
| Yfs |
RDS(on)
Ciss
Coss
Crss
Conditions
VDS = −10V, VGS = 0
VGS = 30V, VDS = 0
IG = 10µA, VDS = 0
VDS = −10V, ID = −10µA
VDS = −10V, ID = −1mA, f = 1kHz
VDS = −10mV, VGS = 0
VDS = −10V, VGS = 0, f = 1MHz
min
− 0.2
65
1.8
max
−6
10
3.5
Unit
mA
nA
V
V
mS
pF
pF
pF
* I
DSS rank classification
typ
1.5
2.5
300
10
3
3
Runk
IDSS (mA)
O
− 0.2 to −1
P
− 0.6 to −1.5
Q
−1 to −3
R
−2.5 to −6
4.0±0.2
marking
2.54±0.15
1.27
1.27
123


Podobny numer części - 2SJ164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SJ164 PANASONIC-2SJ164 Datasheet
72Kb / 3P
   For Switching
More results

Podobny opis - 2SJ164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SJ163 PANASONIC-2SJ163 Datasheet
31Kb / 2P
   Silicon P-Channel Junction FET
2SJ364 PANASONIC-2SJ364 Datasheet
31Kb / 2P
   Silicon P-Channel Junction FET
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com