Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16245DTR Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części 74VCX16245DTR
Szczegółowy opis  Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16245DTR Arkusz danych(HTML) 4 Page - ON Semiconductor

  74VCX16245DTR Datasheet HTML 1Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 2Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 3Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 4Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 5Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 6Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 7Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74VCX16245
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
TA = −40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
1.65V
≤ VCC < 2.3V
0.65 x VCC
V
2.3V
≤ VCC ≤ 2.7V
1.6
2.7V < VCC ≤ 3.6V
2.0
VIL
LOW Level Input Voltage (Note 2.)
1.65V
≤ VCC < 2.3V
0.35 x VCC
V
2.3V
≤ VCC ≤ 2.7V
0.7
2.7V < VCC ≤ 3.6V
0.8
VOH
HIGH Level Output Voltage
1.65V
≤ VCC ≤ 3.6V; IOH = −100mA
VCC − 0.2
V
VCC = 1.65V; IOH = −6mA
1.25
VCC = 2.3V; IOH = −6mA
2.0
VCC = 2.3V; IOH = −12mA
1.8
VCC = 2.3V; IOH = −18mA
1.7
VCC = 2.7V; IOH = −12mA
2.2
VCC = 3.0V; IOH = −18mA
2.4
VCC = 3.0V; IOH = −24mA
2.2
VOL
LOW Level Output Voltage
1.65V
≤ VCC ≤ 3.6V; IOL = 100mA
0.2
V
VCC = 1.65V; IOL = 6mA
0.3
VCC = 2.3V; IOL = 12mA
0.4
VCC = 2.3V; IOL = 18mA
0.6
VCC = 2.7V; IOL = 12mA
0.4
VCC = 3.0V; IOL = 18mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
II
Input Leakage Current
1.65V
≤ VCC ≤ 3.6V; 0V ≤ VI ≤ 3.6V
±5.0
mA
IOZ
3−State Output Current
1.65V
≤ VCC ≤ 3.6V; 0V ≤ VO ≤ 3.6V;
VI = VIH or VIL
±10
mA
IOFF
Power−Off Leakage Current
VCC = 0V; VI or VO = 3.6V
10
mA
ICC
Quiescent Supply Current (Note 3.)
1.65V
≤ VCC ≤ 3.6V; VI = GND or VCC
20
mA
1.65V
≤ VCC ≤ 3.6V; 3.6V ≤ VI, VO ≤ 3.6V
±20
mA
DICC
Increase in ICC per Input
2.7V < VCC ≤ 3.6V; VIH = VCC − 0.6V
750
mA
2. These values of VI are used to test DC electrical characteristics only.
3. Outputs disabled or 3−state only.
AC CHARACTERISTICS (Note 4.; tR = tF = 2.0ns; CL = 30pF; RL = 500W)
Limits
TA = −40°C to +85°C
VCC = 3.0V to 3.6V
VCC = 2.3V to 2.7V
VCC = 1.65 to1.95V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Input to Output
1
0.8
0.8
2.5
2.5
1.0
1.0
3.0
3.0
1.5
1.5
6.0
6.0
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
0.8
0.8
3.8
3.8
1.0
1.0
4.9
4.9
1.5
1.5
9.3
9.3
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
0.8
0.8
3.7
3.7
1.0
1.0
4.2
4.2
1.5
1.5
7.6
7.6
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 5.)
0.5
0.5
0.5
0.5
0.75
0.75
ns
4. For CL = 50pF, add approximately 300ps to the AC maximum specification.
5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Podobny numer części - 74VCX16245DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16245DTR ONSEMI-74VCX16245DTR Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results

Podobny opis - 74VCX16245DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX257 ONSEMI-MC74LCX257_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 3
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com