Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX373M Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części 74LVX373M
Szczegółowy opis  LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX373M Arkusz danych(HTML) 5 Page - STMicroelectronics

  74LVX373M Datasheet HTML 1Page - STMicroelectronics 74LVX373M Datasheet HTML 2Page - STMicroelectronics 74LVX373M Datasheet HTML 3Page - STMicroelectronics 74LVX373M Datasheet HTML 4Page - STMicroelectronics 74LVX373M Datasheet HTML 5Page - STMicroelectronics 74LVX373M Datasheet HTML 6Page - STMicroelectronics 74LVX373M Datasheet HTML 7Page - STMicroelectronics 74LVX373M Datasheet HTML 8Page - STMicroelectronics 74LVX373M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVX373
5/10
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/8 (per circuit)
TEST CIRCUIT
CL =15/50pF or equivalent (includes jig and probe capacitance)
RL =R1 = 1KΩ or equivalent
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
5
10
10
pF
COUT
Output
Capacitance
3.3
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
fIN = 10MHz
40
pF
TEST
SWIT CH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND


Podobny numer części - 74LVX373M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX373M FAIRCHILD-74LVX373M Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74LVX373M NSC-74LVX373M Datasheet
141Kb / 8P
   Low Voltage Octal Transparent Latch with TRI-STATE Outputs
logo
ON Semiconductor
74LVX373M ONSEMI-74LVX373M Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVX373MTC FAIRCHILD-74LVX373MTC Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74LVX373MTC NSC-74LVX373MTC Datasheet
141Kb / 8P
   Low Voltage Octal Transparent Latch with TRI-STATE Outputs
More results

Podobny opis - 74LVX373M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX574 STMICROELECTRONICS-74LVX574 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX240 STMICROELECTRONICS-74LCX240_04 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com