Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2128 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SK2128
Szczegółowy opis  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2128 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SK2128 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2128 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2128 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power F-MOS FETs
unit: mm
2SK2128
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed: EAS > 15mJ
q V
GSS = ±20V guaranteed
q High-speed switching: t
f = 35ns
q No secondary breakdown
s Applications
q Contactless relay
q Diving circuit for a solenoid
q Driving circuit for a motor
q Control equipment
q Switching power supply
1: Gate
2: Drain
3: Source
TO-220E Package
s Electrical Characteristics (T
C = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Diode forward voltage
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time (delay time)
Rise time
Fall time
Turn-off time (delay time)
Thermal resistance between channel and case
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)
| Yfs |
VDSF
Ciss
Coss
Crss
td(on)
tr
tf
td(off)
Rth(ch-c)
Conditions
VDS = 640V, VGS = 0
VGS = ±30V, VDS = 0
ID = 1mA, VGS = 0
VDS = 25V, ID = 1mA
VGS = 10V, ID = 1A
VDS = 25V, ID = 1A
IDR = 2A, VGS = 0
VDS = 20V, VGS = 0, f = 1MHz
VGS = 10V, ID = 1A
VDD = 200V, RL = 200Ω
min
800
2
0.7
typ
4.8
1.1
350
60
25
15
20
25
60
max
0.1
±1
5
7
−1.3
3.125
Unit
mA
µA
V
V
S
V
pF
pF
pF
ns
ns
ns
ns
°C/W
s Absolute Maximum Ratings (T
C = 25°C)
Parameter
Drain to Source breakdown voltage
Gate to Source voltage
Drain current
Avalanche energy capacity
Allowable power
dissipation
Channel temperature
Storage temperature
DC
Pulse
TC = 25°C
Ta = 25°C
Symbol
VDSS
VGSS
ID
IDP
EAS*
PD
Tch
Tstg
Ratings
800
±30
±2
±4
15
40
2
150
−55 to +150
Unit
V
V
A
A
mJ
W
°C
°C
*
L = 5mH, IL = 2.45A, VDD = 50V, 1 pulse
9.9±0.3
23
1
4.6±0.2
2.9±0.2
2.6±0.1
2.54±0.2
0.75±0.1
1.2±0.15
5.08±0.4
φ3.2±0.1
1.45±0.15
0.7±0.1
7


Podobny numer części - 2SK2128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK2128 ISC-2SK2128 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK2128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com