Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13109A Arkusz danych(PDF) 10 Page - Motorola, Inc

Numer części MC13109A
Szczegółowy opis  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Arkusz danych(HTML) 10 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 6Page - Motorola, Inc MC13109A Datasheet HTML 7Page - Motorola, Inc MC13109A Datasheet HTML 8Page - Motorola, Inc MC13109A Datasheet HTML 9Page - Motorola, Inc MC13109A Datasheet HTML 10Page - Motorola, Inc MC13109A Datasheet HTML 11Page - Motorola, Inc MC13109A Datasheet HTML 12Page - Motorola, Inc MC13109A Datasheet HTML 13Page - Motorola, Inc MC13109A Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC13109A
10
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued)
Splatter Amplifier
The Splatter Amplifier is an inverting rail–to–rail output
operational amplifier with the non–inverting input terminal
connected to the internal VB half supply reference. External
resistors and capacitors can be connected to set the gain and
frequency response. The “Spl Amp In” input is ac coupled.
(Test Conditions: VCC = 2.6 V, TA = 25°C, fin = 1.0 kHz, External resistors Set for Gain of 1.)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Open Loop Gain
Spl Amp
In
Tx Out
AVOL
60
dB
Gain Bandwidth
Spl Amp
In
Tx Out
GBW
100
kHz
Maximum Output Swing
RL = 10 kΩ
Spl Amp
In
Tx Out
VOmax
VCC – 0.3
Vpp
Tx Audio Path Recommendation
The recommended configuration for the Tx Audio path
includes setting the Microphone Amplifier gain to 16 dB using
the external gain setting resistors and setting the Splatter
Amplifier gain to 9.0 dB using the external gain setting
resistors.
PLL Voltage Regulator
The PLL supply voltage is regulated to a nominal of 2.2 V.
The “VCC Audio” pin is the supply voltage for the internal
voltage regulator. The “PLL Vref ” pin is the 2.2 V regulated
output voltage. Two capacitors with 10
µF and 0.01 µF values
must be connected to the “PLL Vref ” pin to filter and stabilize
this regulated voltage. The voltage regulator provides power
for the 2nd LO, Rx and Tx PLL’s, and MPU Interface. The
voltage regulator can also be used to provide a regulated
supply voltage for external IC’s. Rx and Tx PLL loop
performance are independent of the power supply voltage
when the voltage regulator is used. The voltage regulator
requires about 200 mV of “headroom”. When the power
supply decreases to within about 200 mV of the output
voltage, the regulator will go out of regulation but the output
voltage will not turn off. Instead, the output voltage will
maintain about a 200 mV delta to the power supply voltage as
the power supply voltage continues to decrease. The “PLL
Vref” pin can be connected to “VCC Audio” by the external
wiring if voltage higher than 2.2 V is required. But it should
not be connected to other supply except “VCC Audio”. The
voltage regulator is “on” in the Active and Rx modes. In the
Standby and Inactive modes, the voltage regulator is turned
off to reduce current drain and the “PLL Vref” pin is internally
connected to “VCC Audio” (i.e., the supply voltage is
maintained but is now unregulated).
(Test Conditions: VCC = 2.6 V, TA = 25°C.)
Characteristic
Condition
Input
Pin
Measure
Pin
Symbol
Min
Typ
Max
Unit
Output Voltge Level
VCC = 2.6 V,
OL= 0 mA
VCC PLL
Vout
2.2
V
Line Regulation
IL = 0 mA, VCC = 2.6 to
5.5 V
VCC
VCC PLL
Regline
3.66
40
mV
Load Regulation
VCC = 2.6 V, IL = 0 to
1.0 mA
VCC
VCC PLL
Regload
–40
–2.28
mV


Podobny numer części - MC13109A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
More results

Podobny opis - MC13109A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com