Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8768AH Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części TDA8768AH
Szczegółowy opis  12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8768AH Arkusz danych(HTML) 1 Page - NXP Semiconductors

  TDA8768AH Datasheet HTML 1Page - NXP Semiconductors TDA8768AH Datasheet HTML 2Page - NXP Semiconductors TDA8768AH Datasheet HTML 3Page - NXP Semiconductors TDA8768AH Datasheet HTML 4Page - NXP Semiconductors TDA8768AH Datasheet HTML 5Page - NXP Semiconductors TDA8768AH Datasheet HTML 6Page - NXP Semiconductors TDA8768AH Datasheet HTML 7Page - NXP Semiconductors TDA8768AH Datasheet HTML 8Page - NXP Semiconductors TDA8768AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TDA8768A
12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Rev. 02 — 03 July 2002
Product data
1.
Description
The TDA8768AH is a biCMOS 12-bit Analog-to-Digital Converter (ADC) optimized for
GSM and EDGE cellular infrastructures, professional telecommunications and
imaging, and advanced FM radio. It converts the analog input signal into 12-bit binary
coded digital words at a maximum sampling rate of 70 MHz. All static digital inputs
(SH, CE and OTC) are TTL and CMOS compatible and all outputs are CMOS
compatible. A sine wave clock input signal can also be used.
2.
Features
s 12-bit resolution
s Sampling rate up to 70 MHz
s
−3 dB bandwidth of 245 MHz
s 5 V power supplies and 3.3 V output power supply
s Binary or twos complement CMOS outputs
s In-range CMOS compatible output
s TTL and CMOS compatible static digital inputs
s TTL and CMOS compatible digital outputs
s Differential AC or PECL clock input; TTL compatible
s Power dissipation 550 mW (typical)
s Low analog input capacitance (typical 2 pF), no buffer amplifier required
s Integrated sample-and-hold amplifier
s Differential analog input
s External amplitude range control
s Voltage controlled regulator included
s
−40 °C to +85 °C ambient temperature.
3.
Applications
s High-speed analog-to-digital conversion for:
x Cellular infrastructure (GSM and EDGE)
x Professional telecommunication
x Advanced FM radio
x Radar
x Imaging (camera scanner)
x Set Top Box (STB)
x Medical imaging.


Podobny numer części - TDA8768AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H PHILIPS-TDA8768H Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H/4 PHILIPS-TDA8768H/4 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H/5 PHILIPS-TDA8768H/5 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
More results

Podobny opis - TDA8768AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com