Zakładka z wyszukiwarką danych komponentów |
|
SN74LVTT240PW Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74LVTT240PW Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 6 page SN54LVTT240, SN74LVTT240 3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCES005 – FEBRUARY 1995 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54LVTT240 SN74LVTT240 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 2.7 V, II = –18 mA –1.2 –1.2 V VCC = MIN to MAX‡, IOH = –100 µA VCC – 0.2 VCC – 0.2 VOH VCC = 2.7 V, IOH = – 8 mA 2.4 2.4 V VOH VCC =3V IOH = – 24 mA 2 V VCC = 3 V IOH = – 32 mA 2 VCC =2 7V IOL = 100 µA 0.2 0.2 VCC = 2.7 V IOL = 24 mA 0.5 0.5 VOL IOL = 16 mA 0.4 0.4 V VOL VCC =3V IOL = 32 mA 0.5 0.5 V VCC = 3 V IOL = 48 mA 0.55 IOL = 64 mA 0.55 II VCC = 0 or MAX‡, VI = 5.5 V 10 10 µA II VCC = 3.6 V VI = VCC or GND ±1 ±1 µA Ioff VCC = 0, VI or VO = 0 to 4.5 V ±100 µA IOZH VCC = 3.6 V, VO = 3 V 5 5 µA IOZL VCC = 3.6 V, VO = 0.5 V –5 –5 µA Outputs high 0.12 0.19 0.12 0.19 ICC VCC = 3.6 V, IO = 0, Outputs low 8.6 12 8.6 12 mA ICC VI = VCC or GND Outputs disabled 0.12 0.19 0.12 0.19 mA ∆ICC§ VCC = 3 V to 3.6 V, One input at VCC – 0.6 V, Other inputs at VCC or GND 0.2 0.2 mA Ci VI = 3 V or 0 4 4 pF Co VO = 3 V or 0 8 8 pF † All typical values are at VCC = 3.3 V, TA = 25°C. ‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. § This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54LVTT240 SN74LVTT240 PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 3.3 V ± 0.3 V VCC = 2.7 V VCC = 3.3 V ± 0.3 V VCC = 2.7 V UNIT MIN MAX MIN MAX MIN TYP† MAX MIN MAX tPLH A Y 1 4.2 5.2 1 2.9 4.1 5.2 ns tPHL A Y 1.3 3.7 4.1 1.3 2.5 3.5 4 ns tPZH OE Y 1.2 4.7 5.7 1.2 3.2 4.6 5.6 ns tPZL OE Y 1.5 4.8 5.9 1.4 3.5 4.7 5.8 ns tPHZ OE Y 2 5.3 5.7 2 3.6 5.2 5.5 ns tPLZ OE Y 1.9 4.6 4.6 1.9 3.2 4.4 4.4 ns † All typical values are at VCC = 3.3 V, TA = 25°C. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - SN74LVTT240PW |
|
Podobny opis - SN74LVTT240PW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |