Zakładka z wyszukiwarką danych komponentów |
|
54642A Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
54642A Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 24 page Agilent Technologies 54600-Series Oscilloscopes Data Sheet Multiple configurations to meet your needs If you work with both analog and digital components, Agilent Technologies 54600-Series oscilloscopes can help you easily see more of what's going on in your designs. The unique 2 + 16-channel mixed signal oscillo- scope (MSO) models and the tra- ditional 2- and 4-channel models are optimized with just the capa- bilities you need for verifying and debugging designs that include A/Ds, D/As, DSPs, and embedded 8- or 16-bit microcontrollers. These scopes give you the tools you need to solve your mixed analog and digital engineering challenges more easily. Ideal for mixed analog and digital analysis Ideal for analyzing designs with both analog and digital com- ponents, the 54600-Series scopes combine three critical features: • Up to 8 MB of MegaZoom deep memory come standard so you can capture long, non-repeat- ing signals, maintain high sam- ple rate, and quickly zoom in on areas of interest • A revolutionary ultra-respon- sive, high-definition display that lets you see more signal detail than ever before • Flexible triggering that lets you easily isolate and analyze the complex signals and fault conditions common in mixed analog and digital designs. I2C, CAN, LIN, USB, and SPI triggering come standard. N2758A CAN trigger module option is also available. This combination of capabilities is tailored to give you the meas- urement power you need to get your mixed analog and digital job done faster. At Agilent Technologies, we focus on developing products that help you do your job better. That’s why 54600-Series scopes are optimized for your needs. Choose the one that’s right for your application and your budget. Easily see what's happening in your mixed analog and digital designs • 60 to 500 MHz, up to 2 GSa/s • Unique 2 + 16-channel MSO and 2- or 4-channel models • 4 MB to 8 MB MegaZoom deep memory standard • Patented high-definition display system • Flexible triggering including CAN, I2C, LIN, SPI, and USB • Deep memory transfer over the interface bus |
Podobny numer części - 54642A |
|
Podobny opis - 54642A |