Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54642D Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard)

Numer części 54642D
Szczegółowy opis  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54642D Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 54642D Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 10Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54642D Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Triggering (continued)
I2
C and SPI Triggering
Don’t spend your time sorting
through communication frames to
find the one of interest. Let
Agilent set up an Inter-Integrated
Circuit (I2C) or Serial Peripheral
Interface (SPI) trigger to sift
through the frames for you. And
like the CAN, LIN, and USB trig-
gers, I2C and SPI come standard
with the 54600-Series scopes.
Microcontroller and
DSP Applications
Microcontrollers (MCUs) and
Digital Signal Processors (DSPs)
are here to stay, and are becoming
more pervasive in industrial,
communications, automobile, and
consumer products. Design engi-
neers must grapple with scopes
that were not developed to tackle
the mixed analog and digital
signals found in MCU- and
DSP-based designs. Many engi-
neers, who rely primarily on
typical 2-channel or 4-channel
scopes in mixed analog and digi-
tal signal verification and debug,
find these scopes to be inade-
Figure 7. Trigger on data patterns within a SPI frame.
Figure 8. Trigger on address and/or data
patterns within an I2C frame.
The full range of I2C triggering
includes start or stop condition,
missing acknowledge, restart,
EEPROM data read, address
and/or data frame, or 10-bit
write. SPI triggering allows for
trigger on user-definable framing
and user-definable number of
bits per frame, as well as data
patterns.
quate when it comes to the chan-
nel count, memory depth, display
and triggering. The interactions
that occur in typical mixed analog
and digital design — taking a real-
world signal such as audio, video,
temperature or pressure, per-
forming some transformation on
the signal, and finally returning
that signal to the real world —
require more viewing capability
than current scopes can provide.
Agilent 54621D, 54622D, 54641D,
and 54642D mixed-signal
oscillscopes (MSOs) provide the
channel count, memory depth,
high-definition display, and
triggering that MCU and DSP
designs demand.
Figure 9. The 350 MHz and 500 MHz MSOs
are a great fit for DSP applications.


Podobny numer części - 54642D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
54642-0439 MOLEX7-54642-0439 Datasheet
131Kb / 3P
   0.80mm (.031") Pitch IEEE 1394a-2000 Shielded I/O PCB Socket, Right Angle, MiniType, Lead-free
54642-0471 MOLEX7-54642-0471 Datasheet
189Kb / 4P
   0.80mm (.031") Pitch IEEE 1394a-2000 Shielded I/O PCB Socket, Right Angle, MiniType, Reel, Lead-free
logo
Festo Corporation.
546422 FESTO-546422 Datasheet
64Kb / 1P
   Basic valve
546423 FESTO-546423 Datasheet
65Kb / 1P
   Basic valve
546425 FESTO-546425 Datasheet
66Kb / 1P
   Basic valve
More results

Podobny opis - 54642D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com