Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB21NM60N-1 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STB21NM60N-1
Szczegółowy opis  N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB21NM60N-1 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STB21NM60N-1 Datasheet HTML 1Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 2Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 3Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 4Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 5Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 6Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 7Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 8Page - STMicroelectronics STB21NM60N-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
STP21NM60N - STF21NM60N - STB21NM60N - STB21NM60N-1 - STW21NM60N
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On/Off
(2) Characteristic value at turn off on inductive load
Table 7: Dynamic
(*) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
Table 8: Source Drain Diode
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 1mA, VGS = 0
600
V
dv/dt(2)
Drain Source Voltage
Slope
Vdd=480V, Id=17A, Vgs=10V
48
V/ns
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 8.5 A
0.190
0.24
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15 V, ID = 8 A
12
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
1950
508
38.4
pF
pF
pF
Coss eq. (*)
Equivalent Output
Capacitance
VGS = 0V, VDS = 0V to 400V
282
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Off-voltageRise Time
Fall Time
VDD =300 V, ID = 8.5 A
RG = 4.7Ω VGS = 10 V
(see Figure 20)
22
15
84
31
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 480V, ID = 17 A,
VGS = 10V,
(see Figure 23)
66.6
9.9
33
nC
nC
nC
Rg
Gate Input Resistance
f=1MHz Gate DC Bias=0
Test Signal Level=20mV
Open Drain
2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain Current
Source-drain Current (pulsed)
16
64
A
A
VSD (1)
Forward On Voltage
ISD = 17 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 17 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 25°C
(see Figure 21)
372
4.6
25
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 17A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150°C
(see Figure 21)
486
6.3
26
ns
µC
A


Podobny numer części - STB21NM60N-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB21NM60N- STMICROELECTRONICS-STB21NM60N- Datasheet
562Kb / 18P
   N-channel 600 V - 0.17 廓 - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh??Power MOSFET
More results

Podobny opis - STB21NM60N-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
   N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
   N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com