Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ILC7280AR2830X Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części ILC7280AR2830X
Szczegółowy opis  Micropower Dual 150mA CMOS RF LDO-TM Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7280AR2830X Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

  ILC7280AR2830X Datasheet HTML 1Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 2Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 3Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 4Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 5Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 6Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 7Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 8Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRODUCT SPECIFICATION
ILC7280
REV. 1.0.5 6/3/02
8
Mechanical Dimensions
MSOP-8
0.118 - 0.004
[3
± 0.1]
85
14
0.193
± 0.004
[4.9
± 0.1]
0.118
± 0.004
[3
± 0.1]
(0.189)
[4.8]
(0.040)
[1.02]
SYMM
C
LAND PATTERN RECOMMENDATION
0.030 - 0.037
[0.78 - 0.94]
0.021
± 0.005
[0.53
± 0.12]
0.007
± 0.002
[0.18
± 0.05]
0.002 - 0.006
[0.06 - 0.15]
0.012
± 0.002
[0.3
± 0.05]
(0.033)
[0.84]
0.0375
[0.953]
PIN 1
IDENT
TYP
TYP
TYP
(0.016)
[0.41]
TYP
0.005
[0.13]
TYP
TYP
GAGE
PLANE
R
0.005
[0.13]
TYP
TYP
R
(0.0256)
[0.65]
TYP
0
°–6° TYP
SEATING PLANE
(0.0256)
[0.65]
–A–
–B–
–C–
0.002 [0.05]
0.002 [0.05]
MS
A
C
S
B
(0.010)
[0.23]


Podobny numer części - ILC7280AR2830X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-2530 IMPALA-ILC7280CS-2530 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-2828 IMPALA-ILC7280CS-2828 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-3025 IMPALA-ILC7280CS-3025 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-3028 IMPALA-ILC7280CS-3028 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
More results

Podobny opis - ILC7280AR2830X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com