Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2021-100 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części TA2021-100
Szczegółowy opis  STEREO 100W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DPP-TM TECHNOLOGY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

TA2021-100 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  TA2021-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 5Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
T E C H NI CA L INFO RMA T IO N
5
Pin Description
Pin
Function
Description
1,13
VB2,VB1
Bootstrapped voltages supply drive to gates of high-side FET’s
2
VGG
Regulated output of onboard switching regulator
3
PGND
Power ground
4,12
VP2,VP1
Positive power supply connections
5
SW12V
Switching node
6,11
VS2,VS1
Source voltage for high side FET’s
7,10
OUT2,OUT1
Power FET outputs
8,9
VN2,VN1
Negative power supply connections
14
SWFB
Feedback for onboard regulator
15
SLEEP
When set to logic high, both amplifiers are muted and in low power (idle)
mode. When low (grounded), both amplifiers are fully operational. If left
floating, the device stays in the mute mode. Ground if not used.
16
PSMUTE
A logic high output indicates the amplifiers are muted
17
OVRLD/SCL
Dual function pin:
OVRLD – A logic high output indicates that the level of the input signal has
overloaded the amplifiers, signifying increased distortion
SCL – When tied to V5 through a pull-up resistor, this pin becomes the serial
clock line of the serial control bus
18
HMUTE/SDA
Dual function pin:
HMUTE – A logic high output indicates that the output stages of both
amplifiers are shut off and muted.
SDA – When OVRLD/SCL is tied to V5 through a pull up resistor, this pin
becomes the serial data line of the serial control bus
19
MUTE
When set to logic high, both amplifiers are muted. When set to logic low or
grounded both amplifiers are fully operational. Ground if not used.
20
MIS/ADDR
Dual function pin:
MIS – When control/status of the device is via analog pins, the voltage level
ion this pint sets the Mute-in –silence threshold
ADDR – When OVRLD/SCL is tied to V5 through a pull up resistor, the voltage
on this pin selects the chip address of the device for the serial control bus
21
V5
5V power supply
22
AGND
Analog Ground
23,24
INP1,INP2
Inputs for channels 1 and 2
25,26
AUXOUT1,AUXOUT2
Auxiliary outputs that provide a low impedance, buffered audio output
where the signal level is set by the volume control
27
V2BG
Bandgap reference
28
DCVOL
When control/status of the device is via analog pins, the voltage level on this
pin sets the output signal volume
29,31
FDBKN1,FDBKN2
Feedback for channels 1 and 2
30,32
GNDKELVIN1
GNDKELVIN2
Kelvin connection to speaker ground channels 1 and 2


Podobny numer części - TA2021-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021A TAI-SAW-TA2021A Datasheet
442Kb / 6P
   SAW Filter 869MHz
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021B TAI-SAW-TA2021B Datasheet
708Kb / 6P
   SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
More results

Podobny opis - TA2021-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
List of Unclassifed Man...
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com