Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK0601 Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części 2SK0601
Szczegółowy opis  Silicon N-Channel MOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK0601 Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  2SK0601 Datasheet HTML 1Page - Panasonic Semiconductor 2SK0601 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon MOS FETs (Small Signal)
unit: mm
2SK601
Silicon N-Channel MOS FET
For switching
s Features
q Low ON-resistance R
DS(on)
q High-speed switching
q Allowing to be driven directly by CMOS and TTL
q Mini-power type package, allowing downsizing of the sets and
automatic insertion through the tape/magazine packing.
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Gate to Source voltage
Drain current
Max drain current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VDS
VGSO
ID
IDP
PD*
Tch
Tstg
Ratings
80
20
±0.5
±1
1
150
−55 to +150
Unit
V
V
A
A
W
°C
°C
s Electrical Characteristics (Ta = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time
Turn-off time
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)*
1
| Yfs |
Ciss
Coss
Crss
ton*
2
toff*
2
Conditions
VDS = 60V, VGS = 0
VGS = 20V, VDS = 0
IDS = 100µA, VGS = 0
ID = 1mA, VDS = VGS
ID = 0.5A, VGS = 10V
ID = 0.2A, VDS = 15V, f = 1kHz
VDS = 10V, VGS = 0, f = 1MHz
*1 Pulse measurement
*2 t
on, toff measurement circuit
min
80
1.5
typ
2
300
45
30
8
15
20
Unit
µA
µA
V
V
mS
pF
pF
pF
ns
ns
1: Gate
2: Drain
3: Source
EIAJ: SC-62
Mini-Power Type Package (3-pin)
Marking Symbol: O
max
10
0.1
3.5
4
* PC board: Copper foil of the drain portion should have a area of 1cm2 or
more and the board thickness should be 1.7mm.
4.5±0.1
3.0±0.15
1.5±0.1
0.4±0.08
0.5±0.08
1.5±0.1
0.4±0.04
1.6±0.2
45˚
marking
321
Vin = 10V
t = 1
µS
f = 1MHZ
50
68
ton
toff
Vin
10%
90%
10%
90%
Vout
Vin
Vout
VDD = 30V
Vout


Podobny numer części - 2SK0601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SK0614 PANASONIC-2SK0614 Datasheet
74Kb / 3P
   For switching
2SK0615 PANASONIC-2SK0615 Datasheet
72Kb / 3P
   Silicon N-Channel MOS FET
2SK0655 PANASONIC-2SK0655 Datasheet
76Kb / 3P
   For Switching
2SK0656 PANASONIC-2SK0656 Datasheet
76Kb / 3P
   For Switching
2SK0657 PANASONIC-2SK0657 Datasheet
77Kb / 3P
   For Switching
More results

Podobny opis - 2SK0601

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com